Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXES0006 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMXES0006
Description  E-Series Surface Mount Mixer 1805-1990 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0006 Datasheet(HTML) 2 Page - Tyco Electronics

  MAMXES0006 Datasheet HTML 1Page - Tyco Electronics MAMXES0006 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1327 A
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
50 mW
Peak IF Current
40mA
Operating/Storage Temperature
-55°C to +100°C
Pin Configuration
Function
Pin No.
RF
1
LO
2
IF
3
Ground
4,5,6
Typical Performance @ +25°C
L-R Isolation
-40.00
-36.00
-32.00
-28.00
-24.00
-20.00
1597.00
1634.00
1671.00
1708.00
1745.00
1782.00
Frequency (MHz)
-9.00
-8.40
-7.80
-7.20
-6.60
-6.00
1805.00
1842.00
1879.00
1916.00
1953.00
1990.00
Frequency (MHz)
Conversion Loss
L-I Isolation
-40.00
-36.00
-32.00
-28.00
-24.00
-20.00
1597.00
1634.00
1671.00
1708.00
1745.00
1782.00
Frequency (MHz)
MAMXES0006



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com