Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSW Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JSW
Description  Used for the compressor starter of a refrigerator and air-conditioner and for the water pumps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JSW Datasheet(HTML) 1 Page - jb Capacitors Company

  JSW Datasheet HTML 1Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
Aluminum Electrolytic Capacitor – JSW
 FEATURES
Load life of 75000 times and 30000 times
For motor starting
Used for the compressor starter of a refrigerator and air-conditioner and for the water pumps
 SPECIFICATIONS
Items
Performance Characteristics
Operating Temperature Range (℃)
-20℃~+70℃
Rated Voltage
110~330V,AC
Capacitance Tolerance (25℃,120Hz)
0%~20%
Power Factor (25℃,60Hz)
8% MAX
Over-Voltage Test
Applied 1.2 time rated voltage for 2 minutes or .4 time rated voltage for 30 seconds
Load Life (+85℃)
125 W.V: Apply for one second and rest for 29 seconds, two time per minute at +7℃ after 75000 times Power factor:
20% or less. Capacitance change: within 25% of initial measured value.
160W.V: Apply for one second and rest for 59 seconds, one time per minute at +70℃ after 30000 times. Power
factor: 20% or less. Capacitance change: within 25% of initial measured value.
Withstanding Voltage
Withstand 1500V,AC(r.m.s) for one minute between both terminals and the case holding clamp
 DIMENSIONS (mm)
D
A
Terminal Type
25
10
H
30
10
G,H
35
12
G,N,P
40,45
16
G,N,P
51
20
G,N,P
Terminal Type (H,G,N,P)
 STANDARD RATINGS
WV(V)
Cap(μF)
110
125
140
160
180
200
220
250
280
300
25
--
--
--
--
--
30x70
30x80
35x60
35x70
35x80
30
--
--
--
--
25x60
30x80
35x60
35x70
35x80
35x100
40
25x40
25x50
25x60
25x60
25x70
35x60
35x70
35x80
35x100
40x100
50
25x50
25x50
25x60
25x70
30x70
35x70
35x80
35x100
40x100
45x100
63
25x50
25x60
30x60
30x70
35x60
35x80
35x100
40x100
45x100
51x100
80
25x60
30x60
30x70
35x60
35x70
35x100
40x100
45x100
51x100
100
25x60
30x70
35x60
35x70
35x80
40x100
45x100
51x100
--
--
125
30x60
35x60
35x70
35x80
35x100
45x100
51x100
--
--
--
160
30x70
35x70
35x80
35x100
40x100
51x100
--
--
--
--
200
35x60
35x80
35x100
40x100
45x100
--
--
--
--
--
250
35x70
35x100
40x100
45x100
--
--
--
--
--
--
315
30x80
40x100
45x100
--
--
--
--
--
--
--
400
35x100
45x100
--
--
--
--
--
--
--
--
500
40x100
--
--
--
--
--
--
--
--
--
Please visit our website to get more update data, those data & specification are subject to change without notice.


Similar Part No. - JSW

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
JSW CIT-JSW Datasheet
131Kb / 1P
CIT SWITCH
logo
Mini-Circuits
JSW2-33DR-75 MINI-JSW2-33DR-75 Datasheet
312Kb / 6P
SPDT RF Switch
JSW2-33DR-75+ MINI-JSW2-33DR-75+ Datasheet
312Kb / 6P
SPDT RF Switch
JSW2-33HDR-75 MINI-JSW2-33HDR-75 Datasheet
313Kb / 6P
SPDT RF Switch
JSW2-33HDR-75+ MINI-JSW2-33HDR-75+ Datasheet
313Kb / 6P
SPDT RF Switch
More results

Similar Description - JSW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11824M SANYO-LB11824M Datasheet
178Kb / 17P
Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
logo
STMicroelectronics
STEVAL-IHT003V1 STMICROELECTRONICS-STEVAL-IHT003V1 Datasheet
76Kb / 4P
Low-loss e-STARTER demonstration board for compressor starter circuits based on the ACST6
08-Jul-2008
logo
Cynergy3 Co
MP1C CYNERGY3-MP1C Datasheet
1Mb / 2P
the switch stops the compressor and starts the pump
logo
STMicroelectronics
AN3299 STMICROELECTRONICS-AN3299 Datasheet
223Kb / 13P
A hardware and software guide for the STMPE801
04-Nov-2010
AN2991 STMICROELECTRONICS-AN2991 Datasheet
262Kb / 14P
Single-phase induction motor drive for refrigerator compressor application
05-Sep-2013
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
STMicroelectronics
STEVAL-IHT003V2 STMICROELECTRONICS-STEVAL-IHT003V2 Datasheet
261Kb / 4P
Low loss e-starter evaluation board for compressor starter circuits based on the ACST6
January 2017 Rev 1
logo
Pentair plc. All rights...
ME40 PENTAIR-ME40 Datasheet
215Kb / 4P
EFFLUENT AND DRAIN WATER PUMPS
logo
Neutrik AG
NZP1RU-8 NEUTRIK-NZP1RU-8 Datasheet
111Kb / 1P
The angled 19" panel for racks in demanding environments protects the installed receptacles well against the ingress of dirt and water.
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
The package and pin of the chip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com