Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXES0080 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMXES0080
Description  High IP3 Mixer 1850 - 1910 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0080 Datasheet(HTML) 2 Page - Tyco Electronics

  MAMXES0080 Datasheet HTML 1Page - Tyco Electronics MAMXES0080 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High IP3 Mixer, 1850 — 1910 MHz
MAMXES0080
Specification subject to change without notice.
North America: (800) 366-2266
Asia/Pacific: +81-44-844-8296
Europe: +44 (1344) 869 595
Visit www.macom.com for additional datasheets and information.
Absolute Maximum Ratings
2
Pin Configuration
Parameter
Maximum
RF input power
+22dBm
Peak IF current
40mA
Operating temperature
-40°C - +85°C
Storage temperature
-40°C - +85°C
Function
Pin #
RF
1
LO
2
IF
3
Ground
4,5,6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com