Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2107CT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2107CT
Description  TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2107CT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2107CT Datasheet HTML 1Page - Toshiba Semiconductor RN2107CT Datasheet HTML 2Page - Toshiba Semiconductor RN2107CT Datasheet HTML 3Page - Toshiba Semiconductor RN2107CT Datasheet HTML 4Page - Toshiba Semiconductor RN2107CT Datasheet HTML 5Page - Toshiba Semiconductor RN2107CT Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RN2107CT ~ RN2109CT
2010-08-20
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −20 V, IE = 0
⎯
⎯
−100
Collector cut-off current
RN2107CT to 2109CT
ICEO
VCE = −20 V, IB = 0
⎯
⎯
−500
nA
RN2107CT
VEB = −6 V, IC = 0
−0.088
⎯
−0.131
RN2108CT
VEB = −7 V, IC = 0
−0.085
⎯
−0.126
Emitter cut-off current
RN2109CT
IEBO
VEB = −15 V, IC = 0
−0.182
⎯
−0.271
mA
RN2107CT
120
⎯
⎯
RN2108CT
120
⎯
⎯
DC current gain
RN2109CT
hFE
VCE = −5 V,
IC = −10 mA
100
⎯
⎯
⎯
Collector-emitter
saturation voltage
RN2107CT to 2109CT
VCE (sat)
IC = −5 mA,
IB = −0.25 mA
⎯
⎯
−0.15
V
RN2107CT
−0.7
⎯
−1.5
RN2108CT
−0.8
⎯
−2.2
Input voltage (ON)
RN2109CT
VI (ON)
VCE = −0.2 V,
IC = −5 mA
−1.6
⎯
−5.0
V
RN2107CT
−0.5
⎯
−1.0
RN2108CT
−0.6
⎯
−1.1
Input voltage (OFF)
RN2109CT
VI (OFF)
VCE = −5 V,
IC = −0.1 mA,
−1.3
⎯
−2.6
V
Collector output
capacitance
RN2107CT to 2109CT
Cob
VCB = −10 V, IE = 0,
f
= 1 MHz
⎯
1.2
⎯
pF
RN2107CT
8
10
12
RN2108CT
17.6
22
26.4
Input resistor
RN2109CT
R1
⎯
37.6
47
56.4
k
Ω
RN2107CT
0.17
0.21
0.26
RN2108CT
0.37
0.47
0.56
Resistor ratio
RN2109CT
R1/R2
⎯
1.71
2.14
2.56
⎯



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com