Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1663 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA1663
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1663 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA1663_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1663_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2002. 5. 14
2/2
KTA1663
Revision No : 3
I
- V
C
CE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
COLLECTOR CURRENT I
(mA)
C
C
CE(sat)
V
- I
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
I
- V
C
BE
BE
BASE-EMITTER VOLTAGE V
(V)
0.2
20
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
40
60
80
100
120
140
160
0
0.4
0.6
0.8
1.0
1.2
1 MOUNTED ON CERAMIC
SUBSTRATE(250mm x0.8t)
2 Ta=25 C
2
1
2
0
-4
-8
-0.4
0
10
1k
-3
-1
-0.01
-1
-0.1
-10
-5
0
-0.8
-0.4
0
-12
-16
-0.8
-1.2
COMMON EMITTER
Ta=25 C
I =-1mA
B
-2mA
-3mA
-4mA
-6mA
-8m
A
-10
mA
0mA
-10
-30
-100
-300
-1k
-3k
30
50
100
300
500
COMMON EMITTER
V
=-2V
CE
Ta=100 C
Ta=25 C
Ta=-25 C
-3
-10
-30
-100
-300
-1k
-3k
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
COMMON EMITTER
I /I =50
B C
Ta=100 C
Ta=-25 C
Ta=25 C
-1.2
-1.6
-0.4
-0.8
-1.8
-1.2
COMMON EMITTER
V
=-2V
CE
-0.3
-1
-3
-10
-30
-100
-30
-50
-100
-300
-500
-1k
-3k
SINGLE NONREPETITIVE
PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I MAX(PULSE)
C
I MAX
C
(CONTI-
NUOUS)
DC
OPE
RA
TIO
N
100m
s
1s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com