Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML46580S-992 Datasheet(PDF) 4 Page - Tyco Electronics

Part # ML46580S-992
Description  High Reliability Semiconductor . Beam Lead Gallium Arsenide Tuning Varactor Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ML46580S-992 Datasheet(HTML) 4 Page - Tyco Electronics

  ML46580S-992 Datasheet HTML 1Page - Tyco Electronics ML46580S-992 Datasheet HTML 2Page - Tyco Electronics ML46580S-992 Datasheet HTML 3Page - Tyco Electronics ML46580S-992 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
The Preliminary Specification Data Sheet contains typical electrical specifications which may change prior to final introduction.
V1.00
Beam Lead Gallium Arsenide Tuning Varactor Diode
ML46580S-992
Typical Performance Curves (MA46580 Series)
Gamma = 1.0 ± 10% from 2-12 Volts (MA46585 through to MA46589)
Gamma = 1.25 ± 10% from 2-12 Volts (MA46580 through to MA46584)
REVERSE BIAS VOLTAGE (VOLTS)
REVERSE BIAS VOLTAGE (VOLTS)
MA46580 – 46584 Capacitance vs Voltage
MA46585 – 46589 Capacitance vs Voltage
REVERSE BIAS VOLTAGE (VOLTS)
REVERSE BIAS VOLTAGE (VOLTS)
Capacitance RatioC
T-2 /C TV for MA46580-46584 Series
Capacitance Ratio C
T-2 /C TV for MA46585-46589 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com