Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLO80100 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MLO80100
Description  Surface Mount Voltage Controlled Oscillator EGSM 920 - 960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MLO80100 Datasheet(HTML) 2 Page - Tyco Electronics

  MLO80100 Datasheet HTML 1Page - Tyco Electronics MLO80100 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount Voltage Controlled Oscillator
MLO80100-00940
V2.00
M/A-COM Ltd.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
-160
-140
-120
-100
-80
-60
-40
FREQUENCY OFFSET FROM CARRIER (Hz)
100
1k
10k
100k
1M
10M
-2.0
-1.0
0.0
1.0
2.0
910
920
930
940
950
960
970
FREQUENCY (MHz)
900
920
940
960
980
1000
0.0
1.0
2.0
3.0
4.0
5.0
TUNING VOLTAGE (V)
Parameter
Absolute Maximum
Tuning Voltage (V
T)
0 to +15V
Supply Voltage2 (V
CC)
+6V
Storage Temperature
-45°C to +100°C
Solder Assembly Temperature
+230°C for 10 secs
Pad
Configuration
1
RF Output
2V
CC
3V
T
4
N/C or Ground
Case / Lid
Ground
Absolute Maximum Ratings1
Typical Performance @ +25°C
Environmental Specification
Devices are designed to operate over the temperature
range of -20°C to +70°C and after exposure to the shock,
vibration, thermal shock and moisture conditions
typically encountered in base station and subscriber
terminal environments.
Functional Configuration
1. Exceeding these limits may cause permanent damage.
2. A series resitor will allow operation at any greater supply voltage.
Used in conjunction with a bypass capacitor this will yield improved
power supply decoupling and noise suppression.
Substrate Material FR4.
TUNING CURVE
12.0
14.0
16.0
18.0
20.0
0.0
1.0
2.0
3.0
4.0
5.0
TUNING VOLTAGE (V)
MODULATION SENSITIVITY
PHASE NOISE
OUTPUT POWER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com