Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8487 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8487
Description  High Efficiency BCM LED Driver Controller for High Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8487 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8487 Datasheet HTML 1Page - Richtek Technology Corporation RT8487 Datasheet HTML 2Page - Richtek Technology Corporation RT8487 Datasheet HTML 3Page - Richtek Technology Corporation RT8487 Datasheet HTML 4Page - Richtek Technology Corporation RT8487 Datasheet HTML 5Page - Richtek Technology Corporation RT8487 Datasheet HTML 6Page - Richtek Technology Corporation RT8487 Datasheet HTML 7Page - Richtek Technology Corporation RT8487 Datasheet HTML 8Page - Richtek Technology Corporation RT8487 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT8487
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8487-00
March
2015
www.richtek.com
1
High Efficiency BCM LED Driver Controller for High Power
Factor Offline Applications
General Description
The RT8487 is a Boundary mode high PF floating buck
constant LED current output controller with an internal
gate driver.
The RT8487 features a ZCS detector which keeps
system operating in BCM and obtaining excellent
power efficiency, better EMI performance.
The RT8487 achieves high power factor correction
(PFC) and low total harmonic distortion of current
(THDi) by a smart internal line voltage compensation
circuit which has minimized system component counts;
saved both PCB size and total system cost.
Especially, the RT8487 can use a cheap simple drum
core inductor in the system instead of an EE core to
obtain high efficiency.
The RT8487 is housed in a TSOT-23-6 package. Thus,
the components in the whole LED driver system can be
made very compact.
Ordering Information
Package Type
J6 : TSOT-23-6
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT8487
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
00= : Product Code
DNN : Date Code
00=DNN
Features
Support
High
Power
Factor
and
THDi
Consideration Applications
Programmable Constant LED Current with Highly
Precision Current Regulation
Extremely Low Quiescent Current Consumption
and 1µA Shutdown Current
True Low System BOM Cost and Economical
Floating Buck Converter Solution
Unique Programmable AND Pin for ZVS Setting
to Achieve Best Power Efficiency
Universal Input Voltage Range with Off-Line
Topology
Built-in Over Thermal Protection
Built-in Over Voltage Protection
Output LED String Open Protection
Output LED String Short Protection
Output LED String Over Current Protection
Applications
E27, PAR, Light Bar, Offline LED Lights
Pin Configurations
(TOP VIEW)
VCC GND GATE
SENSE VC AND
4
2
3
5
6
TSOT-23-6


Similar Part No. - RT8487

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
High Voltage 4-CH LED Driver Controller
More results

Similar Description - RT8487

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULD3380 UTC-ULD3380 Datasheet
169Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Richtek Technology Corp...
RT8497 RICHTEK-RT8497 Datasheet
695Kb / 12P
Power MOSFET Integrated High Efficiency BCM LED Driver
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_15 Datasheet
153Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Diodes Incorporated
AP1684 DIODES-AP1684 Datasheet
409Kb / 13P
AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
Rev 3
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 2
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_16 Datasheet
111Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Diodes Incorporated
AP1684A DIODES-AP1684A Datasheet
435Kb / 13P
AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
August 2014 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com