Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9074 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9074
Description  The RT9074 family are high voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9074 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9074 Datasheet HTML 1Page - Richtek Technology Corporation RT9074 Datasheet HTML 2Page - Richtek Technology Corporation RT9074 Datasheet HTML 3Page - Richtek Technology Corporation RT9074 Datasheet HTML 4Page - Richtek Technology Corporation RT9074 Datasheet HTML 5Page - Richtek Technology Corporation RT9074 Datasheet HTML 6Page - Richtek Technology Corporation RT9074 Datasheet HTML 7Page - Richtek Technology Corporation RT9074 Datasheet HTML 8Page - Richtek Technology Corporation RT9074 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT9074
2
DS9074-01
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configurations (TOP VIEW)
RT9074-25/33/50
SOT-223
Part No.
Output
Voltage
Package
Marking
Information
RT9074-
25GG
SOT-223
RT907425GG
RT9074-
25GFP
MSOP-8
0Q=
RT9074-
25GSP
2.5V
SOP-8
RT907425GSP
RT9074-
33GG
SOT-223
RT907433GG
RT9074-
33GFP
MSOP-8
0R=
RT9074-
33GSP
3.3V
SOP-8
RT907433GSP
RT9074-
50GG
SOT-223
RT907450GG
RT9074-
50GFP
MSOP-8
0S=
RT9074-
50GSP
5V
SOP-8
RT907450GSP
RT9074
GFP
MSOP-8
0P=
RT9074
GSP
Adjustable
SOP-8
RT9074GSP
Ordering and Marking Information
RT9074-25/33/50
MSOP-8 ( Exposed Pad)
VOUT
VIN
GND
GND
SHDN
NC
SENSE
NC
5
6
7
8
4
3
2
GND
9
VOUT
VIN
GND
GND
SHDN
NC
SENSE
FB
5
6
7
8
4
3
2
GND
9
RT9074
MSOP-8 ( Exposed Pad)
VOUT
SENSE
NC
NC
VIN
GND
SHDN
GND
GND
2
3
4
5
6
7
8
9
RT9074-25/33/50
SOP-8 ( Exposed Pad)
VOUT
SENSE
FB
NC
VIN
GND
SHDN
GND
GND
2
3
4
5
6
7
8
9
RT9074
SOP-8 ( Exposed Pad)
VOUT
GND
(TAB)
VIN
123
GND
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com