Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9420 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9420
Description  Host-Side Single Cell Lithium Battery Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9420 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9420 Datasheet HTML 1Page - Richtek Technology Corporation RT9420 Datasheet HTML 2Page - Richtek Technology Corporation RT9420 Datasheet HTML 3Page - Richtek Technology Corporation RT9420 Datasheet HTML 4Page - Richtek Technology Corporation RT9420 Datasheet HTML 5Page - Richtek Technology Corporation RT9420 Datasheet HTML 6Page - Richtek Technology Corporation RT9420 Datasheet HTML 7Page - Richtek Technology Corporation RT9420 Datasheet HTML 8Page - Richtek Technology Corporation RT9420 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9420
2
DS9420-01
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Pin Description
Pin No.
Pin Name
Pin Function
1
TEST
Test Pin. Connect to GND pin during normal operation.
2
VBAT
Battery Voltage Measurement Input.
3
VDD
Processor Power Input. Decouple with a 10nF capacitor.
4
GND
Ground.
5
ALERT
Alert Output. When SOCLow condition is detected, it outputs low as interrupt
signal. Connect to interrupt input of the system processor. Connect to GND if
not used.
6
QS
Quick Sensing Input. Active high to restart the calculation. Pull low to GND
during normal operation.
7
SCL
Serial Clock Input. Slave I
2
C clock line for communication with system.
8
SDA
Serial Data Input. Slave I
2
C data line for communication with system.
9 (Exposed Pad)
GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WDFN-8L 2x3
TEST
GND
VBAT
SDA
SCL
QS
ALERT
VDD
9
7
6
5
1
2
3
4
8
RT9420
Package Type
QW : WDFN-8L 2x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Marking Information
06W
06 : Product Code
W : Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com