Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2724 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA2724
Description  Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2724 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA2724 Datasheet HTML 1Page - RF Micro Devices RFSA2724 Datasheet HTML 2Page - RF Micro Devices RFSA2724 Datasheet HTML 3Page - RF Micro Devices RFSA2724 Datasheet HTML 4Page - RF Micro Devices RFSA2724 Datasheet HTML 5Page - RF Micro Devices RFSA2724 Datasheet HTML 6Page - RF Micro Devices RFSA2724 Datasheet HTML 7Page - RF Micro Devices RFSA2724 Datasheet HTML 8Page - RF Micro Devices RFSA2724 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Ordering Information
12
SPI
RF1
GND/NC
VDD
GND/NC
GND/NC
RF2
GND/NC
GND/NC
GND/NC
GND/NC
GND/NC
7-Bit DSA
11
10
9
8
7
6
5
4
3
2
1
13
14
15
16
17
18
24
23
22
21
20
19
GND/NC
RFSA2724
Serial Controlled Digital Step Attenuator,
50MHz to 4000MHz
RFMD's RFSA2724 is a 7-bit digital step attenuator (DSA) that features high-linear-
ity over the entire 31.75dB gain control range with excellent step accuracy in
0.25dB steps. The RFSA2724 is programmed via a serial mode control interface
that is both 3V and 5V compatible. The RFSA2724 also offers a rugged Class 1B
HBM ESD rating via on-chip ESD circuitry. The MCM package is footprint compatible
with most 24-pin 4mm x 4mm QFN packages.
Features
„ Frequency Range 50MHz to
4000MHz
„ 7-Bit, 31.75dB Range, 0.25dB
Step
„ High Linearity, IP3 > 50dBm
„ 3V and 5V Logic Compatible
„ Serial-to-Parallel Controller
„ Serial Programming Interface
„ Power-up Programming Modes
„ On-chip ESD Protection Class 2
< 4000V
„ Single Supply, 3V to 5V Operation
„ Footprint Compatible with Most
24-Pin, 4mm x 4mm QFNs
Applications
„ Transceiver IF Applications
„ Cellular, PCS, GSM, UMTS, LTE,
„ WiMax/WiFi
„ Wireless Data, Satellite
Terminals
„ Test Equipment
DS130212
Package: MCM, 24-Pin, 4.2mm x 4.2mm
RFSA2724Par-
allel Controlled
Digital Step
Attenuator,
50 MHz to
400MHz
RFSA2724SR
7” Sample reel with 100 pieces
RFSA2724SQ
Sample bag with 25 pieces
RFSA2724TR13
13” Reel with 2500 pieces
RFSA2724PCK-410 50MHz to 4GHz PCBA with 5-piece sample bag


Similar Part No. - RFSA2724

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2714PCK-410 RFMD-RFSA2714PCK-410 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2714SQ RFMD-RFSA2714SQ Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2714SR RFMD-RFSA2714SR Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2714TR13 RFMD-RFSA2714TR13 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
More results

Similar Description - RFSA2724

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2624 RFMD-RFSA2624 Datasheet
833Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2524 RFMD-RFSA2524 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
50MHz to 4000MHz, Digital Step Attenuator
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
5MHz to 4000MHz, Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com