Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3413SQ Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFSA3413SQ
Description  5MHz to 6000MHz, Digital Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3413SQ Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFSA3413SQ Datasheet HTML 6Page - RF Micro Devices RFSA3413SQ Datasheet HTML 7Page - RF Micro Devices RFSA3413SQ Datasheet HTML 8Page - RF Micro Devices RFSA3413SQ Datasheet HTML 9Page - RF Micro Devices RFSA3413SQ Datasheet HTML 10Page - RF Micro Devices RFSA3413SQ Datasheet HTML 11Page - RF Micro Devices RFSA3413SQ Datasheet HTML 12Page - RF Micro Devices RFSA3413SQ Datasheet HTML 13Page - RF Micro Devices RFSA3413SQ Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150129
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
13 of 14
RFSA3413
Pin Names and Descriptions
Pin
Name
Description
1
VDD
Supply Voltage
2
RFIN
RF Input Pin; Incident RF power must enter this pin for rated thermal performance and reliability. Do not apply
DC power to this pin. Pin may be DC grounded externally and is grounded thru resistors internal to the part.
3
N/C
Open in package. Connect to PCB ground or leave floating.
4
N/C
Open in package. Connect to PCB ground or leave floating.
5
N/C
Open in package. Connect to PCB ground or leave floating.
6
N/C
Open in package. Connect to PCB ground or leave floating.
7
N/C
Open in package. Connect to PCB ground or leave floating.
8
N/C
Open in package. Connect to PCB ground or leave floating.
9
N/C
Open in package. Connect to PCB ground or leave floating.
10
N/C
Open in package. Connect to PCB ground or leave floating.
11
RFOUT
RF Output Pin; Pin may be DC grounded externally and is grounded thru resistors internal to the part.
12
N/C
Open in package. Connect to PCB ground or leave floating.
13
C8
8dB Bit Parallel Logic Input; 3V CMOS compatible logic.
14
C4
4dB Bit Parallel Logic Input. 3V CMOS compatible logic.
15
C2
2dB Bit Parallel Logic Input. 3V CMOS compatible logic.
16
C1
1dB Bit Parallel Logic Input. 3V CMOS compatible logic.
Paddle
EPAD
GND the paddle with as many vias as possible. Quantity 9 GND vias recommended.
Parallel Interface Attenuation Truth Table
Attenuation Word
D5
(C8)
D4
(C4)
D3
(C2)
D2
(C1)
Attenuation State
H
H
H
H
0dB / Reference Insertion Loss
H
H
H
L
1dB
H
H
L
H
2dB
H
L
H
H
4dB
L
H
H
H
8dB
L
L
L
L
15dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com