Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1000MB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF1000MB
Description  MICROWAVE POWER TRANSISTORS NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1000MB Datasheet(HTML) 2 Page - Tyco Electronics

  MRF1000MB Datasheet HTML 1Page - Tyco Electronics MRF1000MB Datasheet HTML 2Page - Tyco Electronics MRF1000MB Datasheet HTML 3Page - Tyco Electronics MRF1000MB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 28 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
2.0
5.0
pF
FUNCTIONAL TESTS
Common–Emitter Power Gain — Class A
(VCE = 18 Vdc, IC = 100 mAdc, f = 1090 MHz, Pout = 200 mW)
GPE
10
12
—
dB
Common–Emitter Power Gain — Class AB
(VCE = 18 Vdc, ICQ = 10 mAdc, f = 1090 MHz, Pout = 0.7 W)
GPE
—
10.7
—
dB
Load Mismatch — Class A
(VCE = 18 Vdc, IC = 100 mAdc, f = 1090 MHz, Pout = 200 mW,
VSWR = 10:1 All Phase Angles)
ψ
No Degradation in Power Output
Figure 1. 1090 MHz Test Circuit
C1, C2, C3, C7, C8, C10 — 220 pF ATC 100 mil
C4, C9 — 4.7
µF 50 V Tantalum
C5, C6 — 0.8–8.0 pF Johanson #7290
Z1–Z10 — Distributed Microstrip Elements
Z1–Z10 — See Figure 8
Board Material — 0.031
″ Thick Teflon–Fiberglass
Board Material —
εr = 2.56
Class AB Bias Control Circuit
18 V Output ICQ 10 mA Nominal
Class A Constant Current Bias Control Circuit
IC = 100 mA, VCE = 18 V
BASE BIAS INPUT
B
RF
INPUT
RF
OUTPUT
C1
Z10
C
COLLECTOR BIAS INPUT
Z1
Z5
C5
DUT
C6
Z8
C10
Z9
Z7
Z6
Z3
Z2
C2
C3
C4
C7
C8
C9
330
1/2 W
10
1/2 W
10 µF
50 V
0.1 µF
50 V
0.1 µF
50 V
+18 V INPUT
+18 V COLLECTOR BIAS
OUTPUT TO POINT C
BASE BIAS OUTPUT
TO POINT B
R2
11 k
1/2 W
R5
18 k
1/2 W
100
2 W
10 µF
50 V
0.1 µF
50 V
1 k
1/2 W
2.2 k
1/2 W
0.1 µF
50 V
0.1 µF
50 V
2N3906
Q1
+28 V INPUT
+18 V COLLECTOR BIAS
OUTPUT TO POINT C
BASE BIAS OUTPUT
TO POINT B
Z4
C4
R1
C1
C2
C3
R4
R3
2
Replaces MRF1000MA/D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com