Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1004MB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF1004MB
Description  MICROWAVE POWER TRANSISTORS NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1004MB Datasheet(HTML) 2 Page - Tyco Electronics

  MRF1004MB Datasheet HTML 1Page - Tyco Electronics MRF1004MB Datasheet HTML 2Page - Tyco Electronics MRF1004MB Datasheet HTML 3Page - Tyco Electronics MRF1004MB Datasheet HTML 4Page - Tyco Electronics MRF1004MB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 35 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
3.3
5.0
pF
FUNCTIONAL TESTS (Pulse Width = 10
µs, Duty Cycle = 1.0%)
Common–Base Amplifier Power Gain
(VCC = 35 Vdc, Pout = 4.0 W pk, f = 1090 MHz)
GPB
10
11
—
dB
Collector Efficiency
(VCC = 35 Vdc, Pout = 4.0 W pk, f = 1090 MHz)
η
40
45
—
dB
Load Mismatch
(VCC = 35 Vdc, Pout = 4.0 W pk, f = 1090 MHz,
VSWR = 10:1 All Phase Angles)
ψ
No Degradation in Power Output
Figure 1. 1090 MHz Test Circuit
C1 — 0.1
µF
C2, C4 — 220 pF Chip Capacitor
C3 — 20
µF, 50 V Electrolytic
L1, L2 — 3 Turns #18 AWG, 1/8
″ ID
Z1–Z6 Distributed Microstrip Elements, See Photomaster
Board Material — 0.031
″ Thick Glass Teflon
RF
INPUT
RF
OUTPUT
C4
+
VCC = 35 Vdc
L1
D.U.T.
Z1
-
L2
Z2
Z3
Z4
Z5
Z6
C1
C2
C3
+
-
2
REV 8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com