Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9715CA Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9715CA
Description  Reverse Blocking Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715CA Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9715CA Datasheet HTML 1Page - Richtek Technology Corporation RT9715CA Datasheet HTML 2Page - Richtek Technology Corporation RT9715CA Datasheet HTML 3Page - Richtek Technology Corporation RT9715CA Datasheet HTML 4Page - Richtek Technology Corporation RT9715CA Datasheet HTML 5Page - Richtek Technology Corporation RT9715CA Datasheet HTML 6Page - Richtek Technology Corporation RT9715CA Datasheet HTML 7Page - Richtek Technology Corporation RT9715CA Datasheet HTML 8Page - Richtek Technology Corporation RT9715CA Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9715CA
2
DS9715CA-00 April 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Functional Pin Description
Typical Application Circuit
Note : A low-ESR 150
μμμμμF aluminum electrolytic or tantalum between VOUT and GND is strongly recommended to meet the
330mV maximum droop requirement in the hub VBUS. (see Application Information Section for further details)
Supply Voltage
2.7V to 5.5V
VIN
VOUT
GND
RT9715CA
Over -Current
VBUS
D+
D-
GND
USB Controller
1µF
150µF
10µF
Pull-Up Resistor (10k to 100k)
Ferrite
Beads
Data
FLG
EN
CIN
COUT
Enable
Gate
Control
Output Voltage
Detection
Delay
Oscillator
UVLO
Charge
Pump
Bias
Thermal
Protection
Current
Limiting
VOUT
VIN
GND
EN
FLG
Pin No.
Pin Name
Pin Function
1
VOUT
Output Voltage.
2
GND
Ground.
3
FLG
Fault FLAG Output.
4
EN
Chip Enable (Active High).
5
VIN
Power Input Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com