Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9728 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9728
Description  The RT9728 is a cost effective
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9728 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9728 Datasheet HTML 1Page - Richtek Technology Corporation RT9728 Datasheet HTML 2Page - Richtek Technology Corporation RT9728 Datasheet HTML 3Page - Richtek Technology Corporation RT9728 Datasheet HTML 4Page - Richtek Technology Corporation RT9728 Datasheet HTML 5Page - Richtek Technology Corporation RT9728 Datasheet HTML 6Page - Richtek Technology Corporation RT9728 Datasheet HTML 7Page - Richtek Technology Corporation RT9728 Datasheet HTML 8Page - Richtek Technology Corporation RT9728 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9728
2
DS9728-05
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
VOUT
Power Switch Output.
2
ILIM
External Resistor Used to Set Current Limit Threshold. Recommended 19.1k
 RILIM  232k.
3
FAULT
Active-Low Open-Drain Output. Asserted during over current, over temperature,
or reverse voltage conditions.
4
EN
Chip Enable (Active High).
5,
7 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
6
VIN
Supply Input Voltage.
Functional Pin Description
UVLO
Current
Limit
7.5ms
Deglitch
4ms
Deglitch
Thermal
Sense
Drive
Reverse Voltage
Comparator
Switch
well
Current
Sense
+
-
VOUT
ILIM
GND
EN
VIN
FAULT
Typical Application Circuit
VIN
RT9728
VIN
ILIM
RILIM
VOUT
150µF
FAULT
EN
RFAULT
CIN
VOUT
GND
FAULT Signal
100k
1
2
3
4
5, 7 (Exposed Pad)
6
10µF
Chip Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com