Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9742 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9742
Description  The RT9742 is a cost-effective
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9742 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9742 Datasheet HTML 1Page - Richtek Technology Corporation RT9742 Datasheet HTML 2Page - Richtek Technology Corporation RT9742 Datasheet HTML 3Page - Richtek Technology Corporation RT9742 Datasheet HTML 4Page - Richtek Technology Corporation RT9742 Datasheet HTML 5Page - Richtek Technology Corporation RT9742 Datasheet HTML 6Page - Richtek Technology Corporation RT9742 Datasheet HTML 7Page - Richtek Technology Corporation RT9742 Datasheet HTML 8Page - Richtek Technology Corporation RT9742 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
RT9742
2
DS9742-00 July 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering and Marking Information
Version
Product
Code
Current
Discharge
Function
EN Function
Package
Active
High
Active
Low
Internal
Pull High
TSOT-23-5
(FC)
TSOT-23-5 SOT-23-3
RT9742AGJ5F
07=
3A
Yes
V
V
RT9742BGJ5F
06=
3A
Yes
V
V
RT9742ANGJ5F
0F=
3A
No
V
V
RT9742BNGJ5F
0E=
3A
No
V
V
RT9742CGJ5F
05=
2A
Yes
V
V
RT9742DGJ5F
04=
2A
Yes
V
V
RT9742CNGJ5F
0D=
2A
No
V
V
RT9742DNGJ5F
0C=
2A
No
V
V
RT9742CGJ5
0K=
2A
Yes
V
V
RT9742DGJ5
0J=
2A
Yes
V
V
RT9742CNGJ5
11=
2A
No
V
V
RT9742DNGJ5
10=
2A
No
V
V
RT9742JNGV
6A=
2A
No
V
V
RT9742EGJ5F
03=
1.5A
Yes
V
V
RT9742FGJ5F
02=
1.5A
Yes
V
V
RT9742ENGJ5F
0B=
1.5A
No
V
V
RT9742FNGJ5F
0A=
1.5A
No
V
V
RT9742EGJ5
0H=
1.5A
Yes
V
V
RT9742FGJ5
0G=
1.5A
Yes
V
V
RT9742ENGJ5
0Z=
1.5A
No
V
V
RT9742FNGJ5
0Y=
1.5A
No
V
V
RT9742KNGV
69=
1.5A
No
V
V
RT9742GGJ5F
01=
1A
Yes
V
V
RT9742HGJ5F
00=
1A
Yes
V
V
RT9742GNGJ5F
09=
1A
No
V
V
RT9742HNGJ5F
08=
1A
No
V
V
RT9742GGJ5
0F=
1A
Yes
V
V
RT9742HGJ5
0E=
1A
Yes
V
V
RT9742GNGJ5
0X=
1A
No
V
V
RT9742HNGJ5
0W=
1A
No
V
V
RT9742LNGV
68=
1A
No
V
V
RT9742MGJ5
14=
1.5A
Yes
V
V
RT9742MNGJ5
15=
1.5A
No
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com