Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9832 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9832
Description  PWM Duty Generator with Adjustable Duty Setting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9832 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9832 Datasheet HTML 1Page - Richtek Technology Corporation RT9832 Datasheet HTML 2Page - Richtek Technology Corporation RT9832 Datasheet HTML 3Page - Richtek Technology Corporation RT9832 Datasheet HTML 4Page - Richtek Technology Corporation RT9832 Datasheet HTML 5Page - Richtek Technology Corporation RT9832 Datasheet HTML 6Page - Richtek Technology Corporation RT9832 Datasheet HTML 7Page - Richtek Technology Corporation RT9832 Datasheet HTML 8Page - Richtek Technology Corporation RT9832 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9832
2
DS9832-00
January 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Function Block Diagram
Pin No.
Pin Name
Pin Function
A1
VCC
Supply Voltage Input. Connect a 0.47
μF or larger ceramic capacitor from VCC to
ground as close as possible to the VCC pin.
A2
RSET
Duty Set Pin. Connect an external resistor to set PWM duty. When the RSET pin
is floating, the PWM duty cycle is equal to 50% (typ.).
B1
GND
Ground.
B2
EN
Enable Control Input (Active Low).
C1
OUT
Open Drain Output. Connect a pull-up resistor from this pin to VCC or a suitable
supply.
C2
NC
No Internal Connection.
EN Logic
VCC
EN
OUT
GND
RSET
UVLO
Timer
RSET Timer
Duty
Generator
OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com