Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1090MB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF1090MB
Description  MICROWAVE POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1090MB Datasheet(HTML) 2 Page - Tyco Electronics

  MRF1090MB Datasheet HTML 1Page - Tyco Electronics MRF1090MB Datasheet HTML 2Page - Tyco Electronics MRF1090MB Datasheet HTML 3Page - Tyco Electronics MRF1090MB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 50 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
12
16
pF
FUNCTIONAL TESTS (Pulse Width = 10
µs, Duty Cycle = 1.0%)
Common–Base Amplifier Power Gain
(VCC = 50 Vdc, Pout = 90 W pk, f = 1090 MHz)
GPB
8.4
10.8
—
dB
Collector Efficiency
(VCC = 50 Vdc, Pout = 90 W pk, f = 1090 MHz)
η
35
40
—
%
Load Mismatch
(VCC = 50 Vdc, Pout = 90 W pk, f = 1090 MHz,
VSWR = 10:1 All Phase Angles)
ψ
No Degradation in Power Output
Figure 1. 1090 MHz Test Circuit
C1, C2 — 220 pF Chip Capacitor, 100–mil ATC
C3 — 0.1
µF
C4 — 47
µF/75 V
L1, L2 — 3 Turns #18 AWG, 1/8
″ ID
Z1–Z9 — Distributed Microstrip Elements,
See Photomaster
Board Material — 0.031
″ Thick Glass Teflon, εr = 2.5
RF
OUTPUT
DUT
RF
INPUT
50 Vdc
C2
C3
C4
L1
L2
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
C1
-
+
+
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
120
100
80
60
40
20
36
9
12
15
0
Pin, INPUT POWER (WATTS pk)
120
100
80
60
40
20
f, FREQUENCY (MHz)
VCC = 50 V
tp = 10 µs
D = 1%
7.5 W pk
4.5 W pk
9 W pk
6 W pk
Pin = 10.5 W pk
f = 960 MHz
1090 MHz
1215 MHz
VCC = 50 V
tp = 10 µs
D = 1%
960
1090
1215
2
REV 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com