Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3707ZPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRF3707ZPBF
Description  High Frequency Synchronous Buck Converters for Computer Processor Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3707ZPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF3707ZPBF Datasheet HTML 4Page - International Rectifier IRF3707ZPBF Datasheet HTML 5Page - International Rectifier IRF3707ZPBF Datasheet HTML 6Page - International Rectifier IRF3707ZPBF Datasheet HTML 7Page - International Rectifier IRF3707ZPBF Datasheet HTML 8Page - International Rectifier IRF3707ZPBF Datasheet HTML 9Page - International Rectifier IRF3707ZPBF Datasheet HTML 10Page - International Rectifier IRF3707ZPBF Datasheet HTML 11Page - International Rectifier IRF3707ZPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRF3707Z/S/LPbF
www.irf.com
11
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
6TT@H7G`
GPUÃ8P9@
S@8UDAD@S
DIU@SI6UDPI6G
6TT@H7G@9ÃPIÃXXÃ (Ã ((&
I‚‡r)ÃÅQÅÃvÃh††r€iy’Ãyvr
ƒ‚†v‡v‚Ãvqvph‡r†ÃÅGrhqA…rrÅ
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ8Å
GPBP
UCDTÃDTÃ6IÃDSG" "G
GPUÃ8P9@Ã &'(
@Y6HQG@)
GDI@Ã8
96U@Ã8P9@
X@@FÃ (
`@6SÃ&Ã2Ã ((&
Q6SUÃIVH7@S
Q6SUÃIVH7@S
GPBP
GPUÃ8P9@
6TT@H7G`
DIU@SI6UDPI6G
S@8UDAD@S
QSP9V8UÃPQUDPI6G
QÃ2Ã9@TDBI6U@TÃG@69AS@@
6Ã2Ã6TT@H7G`ÃTDU@Ã8P9@
X@@FÃ (
`@6SÃ&Ã2Ã ((&
96U@Ã8P9@
OR
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com