Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3523 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSA3523
Description  5MHz to 6000MHz, Digital Step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3523 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSA3523 Datasheet HTML 1Page - RF Micro Devices RFSA3523 Datasheet HTML 2Page - RF Micro Devices RFSA3523 Datasheet HTML 3Page - RF Micro Devices RFSA3523 Datasheet HTML 4Page - RF Micro Devices RFSA3523 Datasheet HTML 5Page - RF Micro Devices RFSA3523 Datasheet HTML 6Page - RF Micro Devices RFSA3523 Datasheet HTML 7Page - RF Micro Devices RFSA3523 Datasheet HTML 8Page - RF Micro Devices RFSA3523 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 16
RFSA3523
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +6.0
V
All Other DC and Logic Pins (Supply Voltage Must
Be Applied Prior to Any Other Pin Voltages)
-0.5 to VDD
V
Maximum Input Power at RFIN Pin at 85°C Case
Temperature
+30
dBm
Maximum Input Power at RFOUT Pin at 85°C Case
Temperature
+27
dBm
Storage Temperature Range
-40 to +150
°C
ESD Rating - Human Body Model (HBM)
1000
V
Moisture Sensitivity Level
MSL1
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
(RF Input power handling de-rates above 85°C)
-40
+105
°C
Operating Junction Temperature
125
°C
Supply Voltage
2.7
5.5
V
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
Supply Current
180
µA
Steady state operation, current draw during attenuation state transitions is
higher.
Thermal Resistance
55
°C/W
At maximum attenuation state with RF power applied to the RFIN pin.
RF Input Power at RFIN Pin
27
dBm
Continuous operation at +85°C case temperature
RF Input Power at RFOUT Pin
20
dBm
RF Performance
Frequency Range
5
6000
MHz
Insertion Loss
1.4
dB
2000MHz, 0dB attenuation
Attenuation Range
15.5
dB
0.5dB step size
Absolute Attenuation Error
±(0.2 + 4%)
dB
Input IP3
55
dBm
Input P0.1dB
30
dBm
Return Loss
15
dB
Input and Output Impedance
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com