Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3623 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RFSA3623
Description  5MHz to 6000MHz, Digital Step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3623 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RFSA3623 Datasheet HTML 8Page - RF Micro Devices RFSA3623 Datasheet HTML 9Page - RF Micro Devices RFSA3623 Datasheet HTML 10Page - RF Micro Devices RFSA3623 Datasheet HTML 11Page - RF Micro Devices RFSA3623 Datasheet HTML 12Page - RF Micro Devices RFSA3623 Datasheet HTML 13Page - RF Micro Devices RFSA3623 Datasheet HTML 14Page - RF Micro Devices RFSA3623 Datasheet HTML 15Page - RF Micro Devices RFSA3623 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
12 of 16
RFSA3623
Evaluation Board Jumper Programming
Jumpers
Connector
Signal
Position
U1 Connection
Comment
S1
P3
Logic
Voltage
0
VDD (From P1)
1
VIO (From P4)
S2
AO
0
GND
External Address
1
U1_VDD
S3
A1
0
GND
External Address
1
U1_VDD
S4
A2
0
GND
External Address
1
U1_VDD
Note: Default jumper settings are BOLD.
Evaluation Board Programming Using USB Interface
Serial Addressable Mode
All programming jumpers on the evaluation board are set to the default values indicated in the table. Refer to the
Control Bit Generator (CBG) Software Reference Manual for detailed instructions on how to setup the software for use.
Apply the supply voltage to P1. Select ‘RFSA3623’ from the RFMD Parts List of the CBG user interface. Set the
attenuation value using the CBG user interface. The attenuator is set to the desired state and measurements can be
taken. Note that the external add
ress bits must all be set to ‘0’ when using the USB interface as the CBG software
does not have the capability to set the external address in the serial data stream at this time.
Evaluation Board Programming Using External Bus
Serial Addressable Mode
This configuration allows the user to control the attenuator through the P4 connector using an external harness.
Remove the USB interface board if it is currently installed on the evaluation board. Connect a user-supplied harness to
the P4 connector. Note that the top row of P4 contains the serial bus signals and the bottom row is ground.
Programming jumper S1 is set to ‘0’. External address jumpers S2 through S4 can be set to any value desired by the
user. Apply the supply voltage to P1. Send the appropriate signals onto the serial bus lines in accordance with the
Serial Addressable Mode Timing Diagram. The attenuator is set to the desired state and measurements can be taken.
Default Power-up State
This default attenuation state is maximum (15.75dB) when supply voltage is applied to the attenuator. The LE signal
must be held to logic ‘0’ during power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com