Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC9013SC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC9013SC
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC9013SC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC9013SC Datasheet HTML 1Page - KEC(Korea Electronics) KTC9013SC Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2015. 5. 12
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTC9013SC
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Excellent h
FE Linearity.
・Complementary to KTC9012SC.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23(1)
A
B
C
D
E
2.90 0.1
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
J
K
L
M
N
0.10
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
+
_
1. EMITTER
2. BASE
3. COLLECTOR
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
500
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
Type Name
Marking
Lot No.
CBC
* PC : Package Mounted On 99.5% Alumina (10×8×0.6㎜)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=0.05mA, IE=0
70
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, IB=0
30
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=0.05mA, IC=0
6
-
-
V
Collector Cut-off Current
ICBO
VCB=40V, IE=0
-
-
0.1
uA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
uA
DC Current Gain
hFE
VCE=1V, IC=50mA
200
-
300
Collector-Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
-
-
0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=500mA, IB=50mA
-
-
1.2
V
Transition Frequency
fT
VCE=6V, IC=20mA, f=30MHz
150
-
-
MHz


Similar Part No. - KTC9013SC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC9013S KEC-KTC9013S Datasheet
40Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR
KTC9013S KEC-KTC9013S_15 Datasheet
359Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC9013SC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com