Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC9015 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # 2SC9015
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2SC9015 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  2SC9015 Datasheet HTML 1Page - KEC(Korea Electronics) 2SC9015 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 3. 25
2/2
KTC9015S
Revision No : 1
CE(sat)
COLLECTOR CURRENT I
(mA)
V
- I
C
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
-1
-40
0
1K
500
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
-2
-3
-4
-5
-6
-80
-120
-160
-240
-200
I =-0.2mA
0
-0.5
-1.0
-1.5
-2.0
B
COMMON EMITTER
Ta=25 C
-0.1
-0.3
-1
-3
-10
-300
-30
-100
30
50
100
300
COMMON EMITTER
Ta =100 C
Ta =-25 C
Ta =25 C
V
=-6V
CE
CE
V
=-1V
C
Ta =100 C
Ta =-25 C
Ta =25 C
Ta =25 C
1K
500
EMITTER CURRENT I
(mA)
E
E
T
f
- I
-0.1
-0.3
-1
-3
-10
-300
-30
-100
10
30
50
100
300
COMMON EMITTER
-500
-0.1
-0.3
-1
-3
-10
-300
-30
-100
-10
-30
-50
-100
-300
COMMON EMITTER
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
BBE
COMMON EMITTER
V
=-6V
CE
I
/I =10
CB
V
=-10V
CE
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
25
50
75
100
125
150
175
100
200
300
400
500
MOUNTED ON 99.5%
ALUMINA 10
x8x0.6mm
Ta=25 C
1
2
1
2
0
-0.3
-1
-3
-10
-30
-100
-300
-1K
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com