Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3714SQ Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFSA3714SQ
Description  50MHz to 6000MHz, Digital Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3714SQ Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFSA3714SQ Datasheet HTML 9Page - RF Micro Devices RFSA3714SQ Datasheet HTML 10Page - RF Micro Devices RFSA3714SQ Datasheet HTML 11Page - RF Micro Devices RFSA3714SQ Datasheet HTML 12Page - RF Micro Devices RFSA3714SQ Datasheet HTML 13Page - RF Micro Devices RFSA3714SQ Datasheet HTML 14Page - RF Micro Devices RFSA3714SQ Datasheet HTML 15Page - RF Micro Devices RFSA3714SQ Datasheet HTML 16Page - RF Micro Devices RFSA3714SQ Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141203
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
13 of 20
RFSA3714
Evaluation Board Jumper Programming
Jumpers
Connector
Signal
Position
U1 Connection
Comment
S1
P3
Logic
Voltage
0
VDD (From P6)
1
VIO (From P5)
S2
PBar/S
0
GND
Parallel Mode
1
U1_VDD
Serial Mode
S6
P4
LE
OPEN
LE
All Other Modes
INSTALLED
LE (From P5 Pin 3)
Serial Mode Using P5
Note: Default jumper settings are BOLD.
Evaluation Board Programming Using USB Interface
Serial Mode
All programming jumpers on the evaluation board are set to the default values indicated in the table. Refer to the
Control Bit Generator (CBG) Software Reference Manual for detailed instructions on how to setup the software for use.
Apply the supply voltag
e to P6. Select ‘RFSA3714’ from the RFMD parts list of the CBG user interface. Set the
attenuation value using the CBG user interface. The attenuator is set to the desired state and measurement can be
taken.
Latched Parallel Mode
Evaluation board
programming jumper S2 is set to ‘0’. All other programming jumpers are not required and can be set
to any position. Refer to the Control Bit Generator Software Reference Manual for detailed instructions on how to set
up the software for use. Apply the supp
ly voltage to P6. Select ‘RFSA3714-P’ from the RFMD part list of the CBG user
interface. Set the attenuation value using the CBG user interface. The attenuator is set to the desired state and
measurements can be taken.
Evaluation Board Programming Using External Bus
Serial Mode
The configuration allows the user to control the attenuator through the P5 connector using an external harness.
Remove the USB interface board if it is currently installed on the evaluation board. Connect a user-supplied harness to
the P5 connector. Note that the top row of P5 contains the serial bus signals and the bottom row is ground.
Programming jumper S1 is set to ‘0’ and S2 is set to ‘1’. Jumper S6 is installed and allows the LE signal to be routed
from the P5 connector to the attenuator. Apply the supply voltage P6. Send the appropriate signals onto the serial bus
lines in accordance with the Serial Mode Timing Diagram. The attenuator is set to the desired state and measurements
can be taken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com