Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF151 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF151
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF151 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF151 Datasheet HTML 1Page - Tyco Electronics MRF151 Datasheet HTML 2Page - Tyco Electronics MRF151 Datasheet HTML 3Page - Tyco Electronics MRF151 Datasheet HTML 4Page - Tyco Electronics MRF151 Datasheet HTML 5Page - Tyco Electronics MRF151 Datasheet HTML 6Page - Tyco Electronics MRF151 Datasheet HTML 7Page - Tyco Electronics MRF151 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage (VGS = 0, ID = 100 mA)
V(BR)DSS
125
—
—
Vdc
Zero Gate Voltage Drain Current (VDS = 50 V, VGS = 0)
IDSS
—
—
5.0
mAdc
Gate–Body Leakage Current (VGS = 20 V, VDS = 0)
IGSS
—
—
1.0
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage (VDS = 10 V, ID = 100 mA)
VGS(th)
1.0
3.0
5.0
Vdc
Drain–Source On–Voltage (VGS = 10 V, ID = 10 A)
VDS(on)
1.0
3.0
5.0
Vdc
Forward Transconductance (VDS = 10 V, ID = 5.0 A)
gfs
5.0
7.0
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 50 V, VGS = 0, f = 1.0 MHz)
Ciss
—
350
—
pF
Output Capacitance (VDS = 50 V, VGS = 0, f = 1.0 MHz)
Coss
—
220
—
pF
Reverse Transfer Capacitance (VDS = 50 V, VGS = 0, f = 1.0 MHz)
Crss
—
15
—
pF
FUNCTIONAL TESTS
Common Source Amplifier Power Gain, f = 30; 30.001 MHz
(VDD = 50 V, Pout = 150 W (PEP), IDQ = 250 mA)
f = 175 MHz
Gps
18
—
22
13
—
—
dB
Drain Efficiency
(VDD = 50 V, Pout = 150 W (PEP), f = 30; 30.001 MHz,
ID (Max) = 3.75 A)
η
40
45
—
%
Intermodulation Distortion (1)
(VDD = 50 V, Pout = 150 W (PEP), f = 30 MHz,
f2 = 30.001 MHz, IDQ = 250 mA)
IMD(d3)
IMD(d11)
—
—
–32
–60
–30
—
dB
Load Mismatch
(VDD = 50 V, Pout = 150 W (PEP), f1 = 30; 30.001 MHz,
IDQ = 250 mA, VSWR 30:1 at all Phase Angles)
ψ
No Degradation in Output Power
CLASS A PERFORMANCE
Intermodulation Distortion (1) and Power Gain
(VDD = 50 V, Pout = 50 W (PEP), f1 = 30 MHz,
f2 = 30.001 MHz, IDQ = 3.0 A)
GPS
IMD(d3)
IMD(d9 – 13)
—
—
—
23
–50
–75
—
—
—
dB
NOTE:
1. To MIL–STD–1311 Version A, Test Method 2204B, Two Tone, Reference Each Tone.
Figure 1. 30 MHz Test Circuit
C1 — 470 pF Dipped Mica
C2, C5, C6, C7, C8, C9 — 0.1
µF Ceramic Chip or
Monolythic with Short Leads
C3 — 200 pF Unencapsulated Mica or Dipped Mica
with Short Leads
C4 — 15 pF Unencapsulated Mica or Dipped Mica
with Short Leads
C10 — 10
µF/100 V Electrolytic
L1 — VK200/4B Ferrite Choke or Equivalent, 3.0
µH
L2 — Ferrite Bead(s), 2.0
µH
R1, R2 — 51
Ω/1.0 W Carbon
R3 — 3.3
Ω/1.0 W Carbon (or 2.0 x 6.8 Ω/1/2 W in Parallel)
T1 — 9:1 Broadband Transformer
T2 — 1:9 Broadband Transformer
Board Material — 0.062
″ Fiberglass (G10),
1 oz. Copper Clad, 2 Sides,
er = 5
BIAS
0–12 V
+
–
+
–
C5
C6
C7
C8
C9
C10
50 V
C4
T2
D.U.T.
R3
T1
C2
R2
C1
C3
L1
RF
INPUT
L2
+
–
RF
OUTPUT
R1
2
REV 9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com