Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFUV1702 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFUV1702
Description  17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1702 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFUV1702 Datasheet HTML 3Page - RF Micro Devices RFUV1702 Datasheet HTML 4Page - RF Micro Devices RFUV1702 Datasheet HTML 5Page - RF Micro Devices RFUV1702 Datasheet HTML 6Page - RF Micro Devices RFUV1702 Datasheet HTML 7Page - RF Micro Devices RFUV1702 Datasheet HTML 8Page - RF Micro Devices RFUV1702 Datasheet HTML 9Page - RF Micro Devices RFUV1702 Datasheet HTML 10Page - RF Micro Devices RFUV1702 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RFUV1702
DS130311
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Description
Pin
Name
Description
1N/C
Not Connected.
2GND
Ground.
3LO
Local Oscillator Input. AC Coupled and Matched to 50

4GND
Ground.
5N/C
Not Connected.
6N/C
Not Connected.
7N/C
Not Connected.
8N/C
Not Connected.
9VLOA1
LOA Stage1 Drain Bias.
10
VLOA2
LOA Stage2 Drain Bias.
11
N/C
Not Connected.
12
VC3
Control Line Number 3 (See Bias Sequence Description).
13
VC1
Control Line Number 1 (See Bias Sequence Description).
14
VC2
Control Line Number 2 (See Bias Sequence Description).
15
VG2
MPA Gate Bias.
16
VMPA
MPA Drain Bias.
17
N/C
Not Connected.
18
GND
Ground.
19
RFOUT
RF Output. AC Coupled and Matched to 50

20
GND
Ground.
21
N/C
Not Connected.
22
N/C
Not Connected.
23
N/C
Not Connected.
24
VLPA1, VLPA2 LPA Stage 1, 2 Drain Bias.
25
VG1
LPA Stage 1, 2 Gate Bias.
26
N/C
Not Connected.
27
Q
IF Q Input.
28
GND
Ground.
29
N/C
Not Connected.
30
I
IF I Input.
31
GND
Ground.
32
N/C
Not Connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com