Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RVA1007L Datasheet(PDF) 1 Page - RF Micro Devices

Part # RVA1007L
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RVA1007L Datasheet(HTML) 1 Page - RF Micro Devices

  RVA1007L Datasheet HTML 1Page - RF Micro Devices RVA1007L Datasheet HTML 2Page - RF Micro Devices RVA1007L Datasheet HTML 3Page - RF Micro Devices RVA1007L Datasheet HTML 4Page - RF Micro Devices RVA1007L Datasheet HTML 5Page - RF Micro Devices RVA1007L Datasheet HTML 6Page - RF Micro Devices RVA1007L Datasheet HTML 7Page - RF Micro Devices RVA1007L Datasheet HTML 8Page - RF Micro Devices RVA1007L Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
1
7
8
2
3
4
5
6
Voltage
Variable
Attenuator
RF OUT
RF IN
VCTRL
RVA1007L
ANALOG CONTROLLED VARIABLE GAIN
AMPLIFIER
RFMD’s RVA1007L is a fully integrated analog controlled variable gain
amplifier featuring exceptional linearity over a greater than 19dB gain con-
trol range. This variable gain amplifier is controlled by a single 0V to 3.3V
positive supply voltage. The RVA1007L is packaged in a small 7mm x
7mm leadless laminate MCM which contains solid thermal vias for ultra
low thermal resistance. This module is internally matched to 50
 and is
easy to use with no external matching components required.
Features
680MHz to 810MHz
Operation
Gain = 24dB Typical
Gain Adjustment Range
>19dB
ACPR = <-60dBc at +10dBm
POUT (Dual Carrier WCDMA)
Small 7mm x 7mm, Multi-
Chip Module
Applications
Cellular, 3G and 4G
Infrastructure
WiBro, WiMax, LTE
Microwave Radio
High Linearity Power Control
DS111021
Package: MCM, 7mm x 7mm
RVA1007LAna-
log Controlled
Variable Gain
Amplifier
RVA1007LSQ
Sample bag with 25 pieces
RVA1007LSR
7” Sample reel with 100 pieces
RVA1007LTR7
7” Reel with 1500 pieces
RVA1007LTR13
13” Reel with 2500 pieces
RVA1007LPCK-410 680MHz to 810MHz PCBA with 5-piece sample bag


Similar Part No. - RVA1007L

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RVA1C270MNG NICHICON-RVA1C270MNG Datasheet
186Kb / 2P
Functional Polymer Aluminum Solid Electrolytic Capacitors
RVA1C330MNG NICHICON-RVA1C330MNG Datasheet
186Kb / 2P
Functional Polymer Aluminum Solid Electrolytic Capacitors
RVA1E150MNG NICHICON-RVA1E150MNG Datasheet
186Kb / 2P
Functional Polymer Aluminum Solid Electrolytic Capacitors
More results

Similar Description - RVA1007L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA0016 RFMD-RFVA0016 Datasheet
1Mb / 19P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1027 RFMD-RFVA1027 Datasheet
932Kb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA2017 RFMD-RFVA2017 Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA2007L RFMD-RVA2007L Datasheet
1Mb / 10P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA3007L RFMD-RVA3007L Datasheet
973Kb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
logo
NXP Semiconductors
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7075 NXP-BGU7075 Datasheet
378Kb / 20P
Analog controlled high linearity low noise variable gain amplifier
Rev. 4-15 February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com