Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RVA2007LSR Datasheet(PDF) 3 Page - RF Micro Devices

Part # RVA2007LSR
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RVA2007LSR Datasheet(HTML) 3 Page - RF Micro Devices

  RVA2007LSR Datasheet HTML 1Page - RF Micro Devices RVA2007LSR Datasheet HTML 2Page - RF Micro Devices RVA2007LSR Datasheet HTML 3Page - RF Micro Devices RVA2007LSR Datasheet HTML 4Page - RF Micro Devices RVA2007LSR Datasheet HTML 5Page - RF Micro Devices RVA2007LSR Datasheet HTML 6Page - RF Micro Devices RVA2007LSR Datasheet HTML 7Page - RF Micro Devices RVA2007LSR Datasheet HTML 8Page - RF Micro Devices RVA2007LSR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RVA2007L
DS130725
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
All specifications for -40°C to +85°C, 4.75V to 5.25V,
and process variations unless otherwise stated.
Frequency
1750
2250
MHz
Temperature Range
-40
25
85
°C
Operating Range
Gain
24.5
dB
Over All Conditions
Nominal Operating Output Power
12
dBm
Operating power for ACPR rating
Output IP3
43
dBm
In high gain setting
P1dB
29.5
dBm
Max gain setting
ACPR
-66
dBc
Dual carrier WCDMA, 7.5dB CF at nominal operating
power; over full attenuation range
Gain Flatness
0.2
dB
Over 50MHz BW
Gain Adjustment Range
23.5
dB
Control Voltage Range
V
Noise Figure
3.8
dB
Min attenuator setting
Impedance
50
Input Return Loss
20
dB
Over attenuation range
Output Return Loss
15
dB
Over attenuation range



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com