Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBA5086Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SBA5086Z
Description  DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBA5086Z Datasheet(HTML) 6 Page - RF Micro Devices

  SBA5086Z Datasheet HTML 1Page - RF Micro Devices SBA5086Z Datasheet HTML 2Page - RF Micro Devices SBA5086Z Datasheet HTML 3Page - RF Micro Devices SBA5086Z Datasheet HTML 4Page - RF Micro Devices SBA5086Z Datasheet HTML 5Page - RF Micro Devices SBA5086Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
DS110722
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBA5086Z
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Part Identification
The part will be marked with a “B5Z” designator on the top surface of the package.
Ordering Information
Ordering Code
Description
SBA5086Z
7” Reel with 1000 pieces
SBA5086ZSQ
Sample bag with 25 pieces
SBA5086ZSR
7” Sample reel with 100 pieces
SBA5086ZPCK1
850MHz, 8V Operation PCBA with 5-piece sample bag
1
2
3
4
B5Z



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com