Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1136 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF1136
Description  BROADBAND LOW POWER SP3T SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1136 Datasheet(HTML) 2 Page - RF Micro Devices

  RF1136 Datasheet HTML 1Page - RF Micro Devices RF1136 Datasheet HTML 2Page - RF Micro Devices RF1136 Datasheet HTML 3Page - RF Micro Devices RF1136 Datasheet HTML 4Page - RF Micro Devices RF1136 Datasheet HTML 5Page - RF Micro Devices RF1136 Datasheet HTML 6Page - RF Micro Devices RF1136 Datasheet HTML 7Page - RF Micro Devices RF1136 Datasheet HTML 8Page - RF Micro Devices RF1136 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RF1136
Rev A1 DS090630
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VDD, V1, V2
6.0
V
Maximum Input Power (DC to
3.5GHz, 1.8V Control)
31
dBm
Operating Temperature
-30 to +85
°C
Storage Temperature
-65 to +100
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
VDD=2.6V, V1, V2=High=1.8V,
V1=V2=Low=0V. Temp=25°C.
Operating Frequency
600
3500
MHz
Insertion Loss
RFC-RF1, RF2, RF3
0.25
0.35
dB
RF ON, 50MHz to 450MHz
0.25
0.40
dB
RF ON, 824MHz to 960MHz
0.30
0.50
dB
RF ON, 1850Mhz to 1990MHz
0.40
0.55
dB
RF ON, 2170MHz to 2500MHz
0.50
0.65
dB
RF ON, 3500MHz
Isolation
RF1-RF2. RF3
27
29
dB
RF ON, 600MHz
26
28
dB
RF ON, 824MHz to 960MHz
20
22
dB
RFON, 1850MHz to 1990MHz
19
21
dB
RF ON, 2170MHz to 2500MHz
16
18
dB
RF ON, 3500MHz
RFC-RF1, RF2, RF3
27
29
dB
RF ON, 600MHz
26
28
dB
RF ON, 824MHz to 960MHz
20
22
dB
RFON, 1850MHz to 1990MHz
19
21
dB
RF ON, 2170MHz to 2500MHz
RF Port Return Loss
VSWR
1.5:1
880MHz Harmonics
Second Harmonic
75
90
dBc
PIN=16dBm; F0=880MHz
Third Harmonic
81
97
dBc
PIN=16dBm; F0=880MHz
1880MHz Harmonics
Second Harmonic
85
96
dBc
PIN=16dBm; F0=1880MHz
Third Harmonic
79
93
dBc
PIN=16dBm; F0=1880MHz
2500MHz Harmonics
Second Harmonic
85
96
dBc
PIN=16dBm; F0=2500MHz
Third Harmonic
79
93
dBc
PIN=16dBm; F0=2500MHz
IIP2
RF1, RF2, RF3-ANT Cell
107
110
dBm
Tone 1: 836.5MHz at 16dBm, Tone 2:
1718MHz at -20dBm, Receive Freq: 881.5MHz
RF1, RF2, RF3-ANT AWS
108
110
dBm
Tone 1: 1732.5MHz at 16dBm, Tone 2:
3865MHz at -20dBm, Receive Freq:
2132.5MHz
RF1, RF2, RF3-ANT PCS
108
110
dBm
Tone 1: 1880MHz at 16dBm, Tone 2:
3840MHz at -20dBm, Receive Freq: 1960MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com