Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1147 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF1147
Description  BROADBAND LOW POWER SP4T SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1147 Datasheet(HTML) 2 Page - RF Micro Devices

  RF1147 Datasheet HTML 1Page - RF Micro Devices RF1147 Datasheet HTML 2Page - RF Micro Devices RF1147 Datasheet HTML 3Page - RF Micro Devices RF1147 Datasheet HTML 4Page - RF Micro Devices RF1147 Datasheet HTML 5Page - RF Micro Devices RF1147 Datasheet HTML 6Page - RF Micro Devices RF1147 Datasheet HTML 7Page - RF Micro Devices RF1147 Datasheet HTML 8Page - RF Micro Devices RF1147 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RF1147
DS110429
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VDD, V1, V2
6.0
V
Maximum Input Power (DC to
2.5GHz, 2.5V Control)
28
dBm
Operating Temperature
-40 to +90
°C
Storage Temperature
-65 to +125
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Characteristics
Active Mode:VHIGH>1.8V,VLOW<0.4V;
VDD=2.75V; Temp=25°C; PIN=26dBm unless
otherwise specified.
Insertion Loss
RF1-ANT, RF2-ANT, RF3-ANT, RF4-ANT
0.35
0.50
dB
824MHz to 960MHz
0.35
0.60
dB
1574MHz to 1577MHz
0.45
0.65
dB
1850MHz to 1990MHz
0.55
0.70
dB
2170MHz to 2500MHz
0.55
0.75
dB
2510MHz to 2690MHz
Isolation
RF1-ANT, RF2-ANT, RF3-ANT, RF4-ANT
26
29
dB
824MHz to 960MHz
22
24
dB
1574MHz to 1577MHz
20
22
dB
1850MHz to 1990MHz
17
20
dB
2170MHz to 2500MHz
17
20
dB
2510MHz to 2690MHz
Return Loss
RF1-ANT, RF2-ANT, RF3-ANT, RF4-ANT
19
25
dB
For above listed frequency ranges, all RF ports
in Insertion Loss state.
Harmonics
Second Harmonic (2f0)70
86
dBc
f=880MHz, PIN=26 dBm
70
88
dBc
f=1880MHz, PIN=26 dBm
Third Harmonic (3f0)70
81
dBc
f=880MHz, PIN=26 dBm
70
79
dBc
f=1880MHz, PIN=26 dBm
IIP2
RF1-ANT, RF2-ANT, RF3-ANT, RF4-ANT (Cell)
102
106
dBm
Tone 1: 824MHz @ 16 dBm, Tone 2: 1693MHz
@ -20dBm, Receive Freq: 869MHz
RF1-ANT, RF2-ANT, RF3-ANT, RF4-ANT (AWS)
104
108
dBm
Tone 1: 1710MHz @ 16 dBm, Tone 2:
3820MHz @ -20dBm, Receive Freq: 2110MHz
RF1-ANT, RF2-ANT, RF3-ANT, RF4-ANT (PCS)
106
110
dBm
Tone 1: 1850MHz @ 16dBm, Tone 2:
3780MHz @ -20 dBm, Receive Freq: 1930MHz
Triple Beat Ratio (TBR)
RF1-ANT, RF2-ANT, RF3-ANT, RF4-ANT (Cell)
65
68
dBc
VSWR=2:1; Temp=15°C, 25°C, 60°C; Jam-
mer Freq=881.5 MHz
RF1-ANT, RF2-ANT, RF3-ANT, RF4-ANT (PCS)
65
68
dBc
VSWR=2:1; Temp=15°C, 25°C, 60°C; Jam-
mer Freq=1960MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com