Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1156 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF1156
Description  BROADBAND LOW POWER SP5T SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1156 Datasheet(HTML) 2 Page - RF Micro Devices

  RF1156 Datasheet HTML 1Page - RF Micro Devices RF1156 Datasheet HTML 2Page - RF Micro Devices RF1156 Datasheet HTML 3Page - RF Micro Devices RF1156 Datasheet HTML 4Page - RF Micro Devices RF1156 Datasheet HTML 5Page - RF Micro Devices RF1156 Datasheet HTML 6Page - RF Micro Devices RF1156 Datasheet HTML 7Page - RF Micro Devices RF1156 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF1156
DS110802
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VDD, V1, V2, V3
6.0
V
Maximum Input Peak Power
Momentary Infrequent Occurance
27 at 1:1 VSWR
24 at 6:1 VSWR
dBm
Maximum Continuous Power (PAR <4)
23 at 1:1 VSWR
20 at 6:1 VSWR
dBm
Operating Temperature
-30 to +90
°C
Storage Temperature
-65 to +125
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Characteristics
Active Mode:VHIGH>1.8V,VLOW<0.4V;
VDD=2.75V; Temp=25°C; PIN=16dBm unless
otherwise specified.
Insertion Loss
RF1-ANT, RF2-ANT, RF3-ANT,
RF4-ANT, RF5-ANT
0.40
0.55
dB
450MHz to 960MHz
0.45
0.60
dB
960 MHz to 1710 MHz
0.55
0.75
dB
1710 MHz to 1990 MHz
0.65
0.85
dB
1990 MHz to 2500 MHz
0.65
0.95
dB
2500 MHz to 2690 MHz
Isolation
RF1-ANT, RF2-ANT, RF3-ANT,
RF4-ANT, RF5-ANT
26
30
dB
450MHz to 960MHz
21
24
dB
960 MHz to 1710 MHz
20
22
dB
1710 MHz to 1990 MHz
19
21
dB
1990 MHz to 2500 MHz
18
21
dB
2500 MHz to 2690 MHz
Return Loss
RF1-ANT, RF2-ANT, RF3-ANT,
RF4-ANT, RF5-ANT
18
20
dB
450MHz to 2690MHz, All RF ports in Insertion
Loss state.s
Harmonics
Second Harmonic (2F0)70
83
dBc
F0=880MHz
70
84
dBc
F0=1880MHz
Third Harmonic (3F0)70
79
dBc
F0=880MHz
70
75
dBc
F0=1880MHz
IIP2
RF1-ANT, RF2-ANT, RF3-ANT,
RF4-ANT, RF5-ANT (Cell)
103.5
106
dBm
Tone 1: 824MHz @ 16dBm, Tone 2: 1693MHz
@ -20dBm, Receive Freq: 869MHz
RF1-ANT, RF2-ANT, RF3-ANT,
RF4-ANT, RF5-ANT (AWS)
100
108
dBm
Tone 1: 1710MHz @ 16dBm, Tone 2:
3820MHz @ -20dBm, Receive Freq: 2110MHz
RF1-ANT, RF2-ANT, RF3-ANT,
RF4-ANT, RF5-ANT (PCS)
100
108
dBm
Tone 1: 1850MHz @ 16dBm, Tone 2:
3780MHz @ -20dBm, Receive Freq: 1930MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com