Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1602 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF1602
Description  Broadband SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1602 Datasheet(HTML) 2 Page - RF Micro Devices

  RF1602 Datasheet HTML 1Page - RF Micro Devices RF1602 Datasheet HTML 2Page - RF Micro Devices RF1602 Datasheet HTML 3Page - RF Micro Devices RF1602 Datasheet HTML 4Page - RF Micro Devices RF1602 Datasheet HTML 5Page - RF Micro Devices RF1602 Datasheet HTML 6Page - RF Micro Devices RF1602 Datasheet HTML 7Page - RF Micro Devices RF1602 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF1602
DS121203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Maximum VBATT
6.0
V
Maximum EN
3.0
V
Maximum CTRL
3.0
V
Maximum Power Handling
(6:1 VSWR,Temp =25°C )
+36
dBm
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
(All Nominal Test Conditions Unless Otherwise
Stated) V
BATT = 3.5V, Temperature = 25°C, All
RF ports terminated in 50
Insertion Loss
RF1 to ANT, RF2 to ANT
0.30
0.40
dB
400MHz to 1GHz
0.30
0.45
dB
1.0GHz to 2.0GHz
0.35
0.50
dB
2.0GHz to 2.5GHz
0.40
0.55
dB
2.5GHz to 3.5GHz
0.40
0.60
dB
3.5GHz to 3.8GHz
Isolation
RF1 to RF2, RF2 to RF1
37
42
dB
400MHz to 1GHz
31
34
dB
1.0GHz to 2.0GHz
30
32
dB
2.0GHz to 2.5GHz
25
29
dB
2.5GHz to 3.5GHz
24
29
dB
3.5GHz to 3.8GHz
RF Port Return Loss
ANT, RF1, RF2
10
15
dB
400MHz to 3.8GHz
900MHz Harmonics
Second Harmonic
-95
-75
dBc
PIN = 35dBm
Third Harmonic
-90
-75
dBc
1800MHz Harmonics
Second Harmonic
-95
-75
dBc
PIN=33dBm
Third Harmonic
-90
-75
dBc
IIP2
RF1, RF2, ANT (Cell)
122
129
dBm
Tone 1: 836.5MHz at +26dBm
Tone 2: 1718MHz at -20dBm
Receive Freq: 881.5MHz
RF1, RF2, ANT (AWS)
122
129
dBm
Tone 1: 1732.5MHz at +26dBm
Tone 2: 3865MHz at -20dBm
Receive Freq: 2132.5MHz
RF1, RF2, ANT (PCS)
122
129
dBm
Tone 1: 1880MHz at +26dBm
Tone 2: 3840MHz at -20dBm
Receive Freq: 1960MHz
RF1, RF2, ANT (IMT)
122
129
dBm
Tone 1: 1950MHz at +26dBm
Tone 2: 4090MHz at -20dBm
Receive Freq: 2140MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com