Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3932D Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3932D
Description  60W GaN on SiC Power Amplifier Die
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3932D Datasheet(HTML) 2 Page - RF Micro Devices

  RF3932D Datasheet HTML 1Page - RF Micro Devices RF3932D Datasheet HTML 2Page - RF Micro Devices RF3932D Datasheet HTML 3Page - RF Micro Devices RF3932D Datasheet HTML 4Page - RF Micro Devices RF3932D Datasheet HTML 5Page - RF Micro Devices RF3932D Datasheet HTML 6Page - RF Micro Devices RF3932D Datasheet HTML 7Page - RF Micro Devices RF3932D Datasheet HTML 8Page - RF Micro Devices RF3932D Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130906
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 9
RF3932D
Absolute Maximum Ratings
Parameter
Rating
Unit
Drain Voltage (VD)
150
V
Gate Voltage (VG)
-8 to +2
V
Gate Current (IG)
39
mA
Operational Voltage
50
V
Storage Temperature Range
-55 to +125
°C
Operating Junction Temperature (TJ)
200
°C
Human Body Model (based on packaged device)
Class 1A
MTTF (TJ < 200°C, 95% Confidence Limits)*
3E + 06
Hours
Thermal Resistance, RTH (junction to case)** measured at TC = 85°C, DC
bias only
2.6
°C/W
Caution! ESD sensitive device.
RFMD Green: RoHS compliant per EU
Directive 2011/65/EU, halogen free per
IEC 61249-2-21, <1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Recommended Operating
Conditions
Drain Voltage (VDSQ)
24
48
V
Gate Voltage (VGSQ)
-4.5
-3.7
-2.5
V
Drain Bias Current
220
mA
Frequency of Operation
DC
4000
MHz
Die Capacitance from Packaged
Capacitance Measurements
Package capacitance removed during calibration.
CRSS
5
pF
VG = -8V, VD = 0V
CISS
23
pF
COSS
16.5
pF
DC Functional Test
IG (ON) - Forward Bias Diode Gate Current
5.0
mA
VG = 1.1V, VD = 0V
IG (OFF) - Gate Leakage
0.2
mA
VG = -8V, VD = 0V
ID (OFF) - Drain Leakage
0.2
mA
ID (OFF) - 48V Drain Leakage
3.0
mA
VG = -8V, VD = 48V
ID (OFF) - 150V Drain Leakage
5.0
mA
VG = -8V, VD = 150V
VGS (TH) - Threshold Voltage
-4.8
-3.4
-2.5
V
VD = 48V, ID = 10mA
VDS (ON) - Drain Voltage at High Current
0.5
V
VG = 0V, ID = 1.0A
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage and
current must not exceed the maximum operating values specified above.
*MTTF - Median time to failure as determined by the process technology wear-out failure mode. Refer to product qualification report for FIT (random)
failure rate.
**Thermal resistance assumes AuSn die attach on 1.5mm thick CPC carrier similar to Kyocera A1933. User will need to define this specification in
the final application and ensure bias conditions satisfy the following expression: PDISS < (TJ - TC) / RTH J-C and TC = TCASE to maintain maximum
operating junction temperature and MTTF
Bias Conditions should also satisfy the following expression: PDISS < (TJ – TC) / RTH J-C and TC = TCASE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com