Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF8889A Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF8889A
Description  SP10T ANTENNA SWITCH MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF8889A Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF8889A Datasheet HTML 3Page - RF Micro Devices RF8889A Datasheet HTML 4Page - RF Micro Devices RF8889A Datasheet HTML 5Page - RF Micro Devices RF8889A Datasheet HTML 6Page - RF Micro Devices RF8889A Datasheet HTML 7Page - RF Micro Devices RF8889A Datasheet HTML 8Page - RF Micro Devices RF8889A Datasheet HTML 9Page - RF Micro Devices RF8889A Datasheet HTML 10Page - RF Micro Devices RF8889A Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7 of 26
RF8889A
DS111017
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
UMTS TRX1 – TRX5
High Band (continued)
Isolation
TRX1 to TRX2 1710-1880
17
22
dB
1710MHz to 1880MHz
TRX1 to TRX3 1710-1880
30
42
dB
TRX1 to TRX4 1710-1880
30
44
dB
TRX1 to TRX5 1710-1880
30
40
dB
TRX2 to TRX1 1710-1880
17
24
dB
TRX2 to TRX3 1710-1880
30
40
dB
TRX2 to TRX4 1710-1880
30
44
dB
TRX2 to TRX5 1710-1880
30
40
dB
TRX3 to TRX1 1710-1880
30
41
dB
TRX3 to TRX2 1710-1880
30
48
dB
TRX3 to TRX4 1710-1880
17
23
dB
TRX3 to TRX5 1710-1880
25
35
dB
TRX4 to TRX1 1710-1880
30
42
dB
TRX4 to TRX2 1710-1880
30
55
dB
TRX4 to TRX3 1710-1880
17
23
dB
TRX4 to TRX5 1710-1880
17
25
dB
TRX5 to TRX1 1710-1880
30
42
dB
TRX5 to TRX2 1710-1880
30
53
dB
TRX5 to TRX3 1710-1880
30
33
dB
TRX5 to TRX4 1710-1880
17
25
dB
TRX1 to RX1, RX2, RX3
1710-1880
23
32
dB
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com