Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9812 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF9812
Description  TD-SCDMA Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9812 Datasheet(HTML) 1 Page - RF Micro Devices

  RF9812 Datasheet HTML 1Page - RF Micro Devices RF9812 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of
2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©20
12, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
LDMOS
GPCTRL3
GND
GND
GND
RX4
GND
RFIN HB
RFIN LB
TD_EN
ANTENNA
ESD
Protection
78
6
5
4
3
2
122
20
19
18
17
16
15
14
13
12
11
10
9
Amplifier
Switch
CMOS Controller
21
RF9812
QUAD-BAND GPRS/LINEAR EDGE +3.2V
TD-SCDMA MULTI-MODE TRANSMIT MODULE
The RF9812 is a Quad Band EDGE+TD-SCDMA Multi-Mode Transmit Module with the capability
to support both GSM/GPRS/Linear EDGE (GSM850/EGSM900/DCS1800/PCS1900) and
TDSCDMA (1880MHz to 1920MHz and 2010MHz to 2025MHz) B34/39 frequency bands. The
RF9812 continues to build upon RFMD’s leading patented PowerStar® Architecture to include
such features as a Power Flattening Circuit, VRAMP Filtering, VBATT Tracking, EDGE Low Power
Mode. RFMD has integrated TD-SCDMA functionality into the RF9812, so it can be used as the
transmit module in 3.2V, 50
 GSM/EDGE/TD-SCDMA dual-mode cellular equipment.
The RF9812 module includes a multi-function CMOS controller, GaAs HBT power amplifier, and
pHEMT front end antenna switch. The amplifier devices are manufactured on RFMD’s Advance
Gallium Arsenide Heterojunction Bipolar Transistor (GaAs HBT) Process, which is designed to
operate either in saturated mode for GMSK or linear mode for EDGE 8PSK and TD-SCDMA sig-
naling. The highly integrated EDGE+TD-SCDMA transmit module simplifies GSM/TD-SCDMA
dual-mode handset and data card design by eliminating the need for complicated control loop
design, output RF spectrum (ORFS) optimization, harmonic filtering, and component matching,
all of which combine to provide best in class RF performance, solution size, and ease of imple-
mentation for GSM/EDGE/TD-SCDMA dual-mode cellular phone and data card systems. The RF
ports are 50
 matched and the antenna port includes ESD protection circuitry which meets the
stringent 8kV industry standards requiring no additional components. All of these eliminated
factors help to improve the customer’s product time to market.
Features
TD-SCDMA Compliant
B34/39
TD-HSDPA and TD-HSPA+
Compliant
+25 dBm Output Power TD-
SCDMA
Low Gain Mode for reduced
ICQ
High Efficiency at Rated POUT
•VBATT=3.5V
• GSM850/EGSM900=41/40%
• DCS1800/PCS1900=38/36%
Integrated Power Flattening
Circuit for Lower Power Varia-
tion Under Mismatch Condi-
tions
Integrated VBATT Tracking Cir-
cuit for improved Switching
Spectrum under low VBATT
Conditions
Symmetrical RX Ports
Robust 8kV ESD Protection at
Antenna Port
Pin Compatible with RF9810
Applications
3.2V Quad-Band
GSM/GPRS/EDGE and Dual-
Band TD-SCDMA Handsets
Mobile GPRS/EDGE/
TD-SCDMA Data Products
GPRS Class 12 Compliant
Products
DS120910

Package: 22-pin Module, 6.63mm x 5.24mm x 1.00mm
RF9812QUAD-
BAND 3.2V
MULTI-MODE
TRANSMIT
MODULE


Similar Part No. - RF9812

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF98 HOPE-RF98 Datasheet
2Mb / 121P
Low Power Long Range Transceiver
logo
REYCONNS CHINA LIMITED
RF9868 REYCONNS-RF9868 Datasheet
486Kb / 5P
SAW Filter
RF9888 REYCONNS-RF9888 Datasheet
439Kb / 5P
SAW Filter
RF9894 REYCONNS-RF9894 Datasheet
439Kb / 5P
SAW Filter
More results

Similar Description - RF9812

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886 AVAGO-ACPM-7886 Datasheet
355Kb / 14P
TD-SCDMA Power Amplifier
logo
fujitsu semiconductor
FAR-F6KA-2G0175-D4DR FUJITSU-FAR-F6KA-2G0175-D4DR Datasheet
201Kb / 5P
TD-SCDMA
logo
Agilent(Hewlett-Packard...
E6835A HP-E6835A Datasheet
224Kb / 4P
TD-SCDMA Calibration Application
logo
EPCOS
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
SAW IF filter TD-SCDMA
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
SAW filter TD-SCDMA
B5206 EPCOS-B5206 Datasheet
57Kb / 7P
SAW IF filter TD-SCDMA
B5213 EPCOS-B5213 Datasheet
71Kb / 7P
SAW IF filter TD-SCDMA
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886 AVAGO-ACPM-7886_09 Datasheet
380Kb / 14P
TD-SCDMA Power Amplifier
logo
Keysight Technologies
M9079A KEYSIGHT-M9079A Datasheet
3Mb / 9P
M9079A TD-SCDMA
logo
Murata Manufacturing Co...
SAWFD1G90LA0F0A MURATA1-SAWFD1G90LA0F0A Datasheet
292Kb / 10P
SAW FILTER FOR TD-SCDMA
Sep. 29, 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com