Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP4A16GTC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMP4A16GTC
Description  40V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP4A16GTC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMP4A16GTC Datasheet HTML 1Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 2Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 3Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 4Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 5Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 6Page - Diodes Incorporated ZXMP4A16GTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMP4A16G
Document number: DS33584 Rev.5 - 2
2 of 7
www.diodes.com
February 2015
© Diodes Incorporated
ZXMP4A16G
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current, VGS = -10V
Steady
State
TA = +25°C (Note 6)
TA = +70°C (Note 6)
TA = +25°C (Note 5)
ID
-6.4
-5.1
-4.6
A
Maximum Body Diode Forward Current (Note 6)
IS
-5.2
A
Pulsed Drain Current (Note 7)
IDM
-21
A
Pulsed Source Current (Note 7)
ISM
-21
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation
Linear Derating Factor
TA = +25°C (Note 5)
PD
2.0
16
W
mW/°C
Total Power Dissipation
Linear Derating Factor
TA = +25°C (Note 6)
PD
3.9
31
W
mW/°C
Thermal Resistance, Junction to Ambient
Steady state (Note 5)
RθJA
62.5
°C/W
Steady state (Note 6)
32
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
-40
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS


-1.0
µA
VDS = -40V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(th)
-1.0
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance (Note 8)
RDS(ON)
60
m
Ω
VGS = -10V, ID = -3.8A
100
VGS = -4.5V, ID = -2.9A
Diode Forward Voltage (Note 8)
VSD
-0.85
-1.2
V
VGS = 0V, IS = -3.4A
Forward Transconductance (Notes 8 & 10)
gfs

8.85
S
VDS = -15V, ID = -3.8A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
1,007
pF
VDS = -20V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
130
Reverse Transfer Capacitance
Crss
85
Total Gate Charge (VGS = -5.0V)
Qg
13.6
nC
VDS = -20V, ID = -3.8A,
Total Gate Charge (VGS = -10V)
Qg

26.1

Gate-Source Charge
Qgs
2.8
Gate-Drain Charge
Qgd
4.8
Turn-On Delay Time
tD(on)
2.33
nS
VGS = -10V, VDD = -20V, RG = 6.0Ω,
ID= -1.0A
Turn-On Rise Time
tr
8.84
Turn-Off Delay Time
tD(off)
29.18
Turn-Off Fall Time
tf

12.54

Body Diode Reverse Recovery Time
trr

27.2

nS
IF = -3A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr

25.4

nC
Notes:
5. For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
6. For a device surface mounted on FR4 PCB measured at t
10 secs.
7. Repetitive rating 25mm x 25mm FR4 PCB, D = 0.05, pulse width limited by maximum junction temperature.
8. Measured under pulsed conditions. Width
≤300μs. Duty cycle ≤ 2%.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com