Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A17G Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP6A17G
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A17G Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP6A17G_15 Datasheet HTML 1Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 2Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 3Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 4Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 5Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 6Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 7Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP6A17G
Document Number DS33375 Rev. 7 - 2
4 of 8
www.diodes.com
February 2015
© Diodes Incorporated
ZXMP6A17G
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-60
V
ID = -250µA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
-0.5
µA
VDS = -60V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-1.0
V
ID = -250μA, VDS = VGS
Static Drain-Source On-Resistance (Note 9)
RDS(ON)
0.096
0.125
Ω
VGS = -10V, ID = -2.2A
0.120
0.190
VGS = -4.5V, ID = -1.8A
Forward Transconductance (Notes 9 & 10)
gfs
4.7
S
VDS = -15V, ID = -2.2A
Diode Forward Voltage (Note 9)
VSD
-0.85
-0.95
V
IS = -2.0A, VGS = 0V, TJ = +25°C
Reverse Recovery Time (Note 10)
trr
25.1
ns
IS = -1.7A, di/dt = 100A/µs,
TJ = +25°C
Reverse Recovery Charge (Note 10)
Qrr
27.2
nC
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
637
pF
VDS = -30V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
70.0
pF
Reverse Transfer Capacitance
Crss
53.0
pF
Total Gate Charge (Note 11)
Qg

9.0

nC
VGS = -4.5V
VDS = -30V
ID = -2.2A
Total Gate Charge (Note 11)
Qg
17.7
nC
VGS = -10V
Gate-Source Charge (Note 11)
Qgs
1.6
nC
Gate-Drain Charge (Note 11)
Qgd
4.4
nC
Turn-On Delay Time (Note 11)
tD(on)
2.6
ns
VDD = -30V, VGS = -10V
ID = -1A, RG  6.0Ω
Turn-On Rise Time (Note 11)
tr
3.4
ns
Turn-Off Delay Time (Note 11)
tD(off)
26.2
ns
Turn-Off Fall Time (Note 11)
tf
11.3
ns
Notes:
9. Measured under pulsed conditions. Pulse width
 300µs; duty cycle  2%.
10. For design aid only, not subject to production testing.
11. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com