Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A17GTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP6A17GTA
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A17GTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP6A17GTA Datasheet HTML 1Page - Diodes Incorporated ZXMP6A17GTA Datasheet HTML 2Page - Diodes Incorporated ZXMP6A17GTA Datasheet HTML 3Page - Diodes Incorporated ZXMP6A17GTA Datasheet HTML 4Page - Diodes Incorporated ZXMP6A17GTA Datasheet HTML 5Page - Diodes Incorporated ZXMP6A17GTA Datasheet HTML 6Page - Diodes Incorporated ZXMP6A17GTA Datasheet HTML 7Page - Diodes Incorporated ZXMP6A17GTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZXMP6A17G
Document Number DS33375 Rev. 7 - 2
1 of 8
www.diodes.com
February 2015
© Diodes Incorporated
ZXMP6A17G
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(on)
ID
TA = +25°C
-60V
125m
Ω @ VGS= -10V
-4.3A
190m
Ω @ VGS= -4.5V
-3.5A
Description
This MOSFET is designed to minimize the on-state resistance and yet
maintain superior switching performance, making it ideal for high
efficiency power management applications.
Applications
Motor Control
DC-DC Converters
Power Management Functions
Uninterrupted Power Supply
Features and Benefits
Fast Switching Speed
Low Gate Drive
Low Input Capacitance
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
ZXMP6A17GTA
SOT223
1,000/Tape & Reel
ZXMP6A17GTC
SOT223
4,000/ Tape & Reel
Note:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Pin Out - Top View
Top View
SOT223
Equivalent Circuit
D
S
G
e3
Green
ZXMP6A17 = Product Type Marking Code
YWW = Date Code Marking
Y or Y= Year (ex: 5 = 2015)
WW or WW = Week (01 - 53)
SOT223


Similar Part No. - ZXMP6A17GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A17GTA ZETEX-ZXMP6A17GTA Datasheet
155Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP6A17GTA DIODES-ZXMP6A17GTA Datasheet
640Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
VBsemi Electronics Co.,...
ZXMP6A17GTA VBSEMI-ZXMP6A17GTA Datasheet
955Kb / 7P
P-Channel 60-V (D-S) MOSFET
More results

Similar Description - ZXMP6A17GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com