Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A17GTC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMP6A17GTC
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A17GTC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMP6A17GTC Datasheet HTML 1Page - Diodes Incorporated ZXMP6A17GTC Datasheet HTML 2Page - Diodes Incorporated ZXMP6A17GTC Datasheet HTML 3Page - Diodes Incorporated ZXMP6A17GTC Datasheet HTML 4Page - Diodes Incorporated ZXMP6A17GTC Datasheet HTML 5Page - Diodes Incorporated ZXMP6A17GTC Datasheet HTML 6Page - Diodes Incorporated ZXMP6A17GTC Datasheet HTML 7Page - Diodes Incorporated ZXMP6A17GTC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMP6A17G
Document Number DS33375 Rev. 7 - 2
2 of 8
www.diodes.com
February 2015
© Diodes Incorporated
ZXMP6A17G
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
20
V
Continuous Drain Current
VGS = 10V
(Note 6)
ID
-4.3
A
TA = +70°C (Note 6)
-3.5
(Note 5)
-3.0
Pulsed Drain Current
VGS = 10V
(Note 7)
IDM
-13.7
A
Continuous Source Current (Body Diode)
(Note 6)
IS
-4.8
A
Pulsed Source Current (Body Diode)
(Note 7)
ISM
-13.7
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Note 5)
PD
2.0
16
W
mW/°C
(Note 6)
3.9
31
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
62.5
°C/W
(Note 6)
32.0
Thermal Resistance, Junction to Lead
(Note 8)
RθJL
9.8
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
6. Same as Note 5, except the device is measured at t
 10sec.
7. Same as Note 5, except the device is pulsed with D = 0.02 and pulse width 300µs. The pulse current is limited by the maximum junction temperature.
8. Thermal resistance from junction to solder-point (at the end of the drain lead).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com