Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A18DN8 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMP6A18DN8
Description  DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A18DN8 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMP6A18DN8_15 Datasheet HTML 1Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 2Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 3Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 4Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 5Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 6Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 7Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMP6A18DN8
Document Number DS33592 Rev 3 - 2
2 of 8
www.diodes.com
December 2014
© Diodes Incorporated
ZXMP6A18DN8
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (VGS = 10V)
(Notes 7 & 9)
ID
-4.8
A
TA = +70°C
(Notes 7 & 9)
-3.8
(Notes 6 & 9)
-3.7
Pulsed Drain Current
(Notes 8)
IDM
-23
A
Continuous Source Current (Body Diode)
(Notes 7)
IS
-3.3
A
Pulsed Source Current (Body Diode)
(Notes 8)
ISM
-23
A
Single Pulsed Avalanche Energy (L = 0.1mH)
(Note 11)
EAS
38.2
mJ
Single Pulsed Avalanche Current (L = 0.1mH)
(Note 11)
IAS
27.6
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Notes 6 & 9)
PD
1.25
10
W
mW/°C
(Notes 6 & 10)
1.8
14
(Notes 7 & 9)
2.1
17
Thermal Resistance, Junction to Ambient
(Notes 6 & 9)
RθJA
+100
°C/W
(Notes 7 & 10)
+69
(Notes 7 & 9)
+58
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
6. For a dual device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with a high coverage of single sided 1oz copper in still air conditions.
7. For a dual device surface mounted FR4 PCB measured at t
≤ 10 sec.
8. Repetitive rating 25mm x 25mm x 1.6mm FR4 PCB, D = 0.02, pulse width = 300µs – pulse width limited by maximum junction temperature.
9. For a dual device with one active die.
10. For a device with two active die running at equal power.
11. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = +25°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com