Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF448 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF448
Description  RF POWER TRANSISTOR NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF448 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF448 Datasheet HTML 1Page - Tyco Electronics MRF448 Datasheet HTML 2Page - Tyco Electronics MRF448 Datasheet HTML 3Page - Tyco Electronics MRF448 Datasheet HTML 4Page - Tyco Electronics MRF448 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
ON CHARACTERISTICS
DC Current Gain
(IC = 5.0 Adc, VCE = 10 Vdc)
hFE
10
30
—
—
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 50 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
350
450
pF
FUNCTIONAL TESTS
Common–Emitter Amplifier Power Gain
(VCC = 50 Vdc, Pout = 250 W CW, f = 30 MHz, ICQ = 250 mA)
GPE
12
14
—
dB
Collector Efficiency
(VCC = 50 Vdc, Pout = 250 W, f = 30 MHz, ICQ = 250 mA)
η
—
—
45
65
—
—
% (PEP)
% (CW)
Intermodulation Distortion (2)
(VCE = 50 Vdc, Pout = 250 W (PEP), ICQ = 250 mA, f = 30 MHz)
IMD
—
–33
–30
dB
Electrical Ruggedness
(VCC = 50 Vdc, Pout = 250 W CW, f = 30 MHz,
VSWR 3:1 at all Phase Angles)
ψ
No Degradation in Output Power
NOTE:
2. To Mil–Std–1311 Version A, Test Method 2204, Two Tone, Reference each Tone.
Figure 1. 30 MHz Test Circuit Schematic
C1, C2, C5, C7 — 170–780 pF, Arco 469
C3, C8, C9 — 0.1
µF, 100 V Erie
C4 — 500
µF @ 6.0 V
C6 — 360 pF, 3 x 120 pF 3.0 kV in parallel
C10 — 10
µF, 100 V
R1 — 10
Ω, 10 Watt
R2 — 10
Ω, 1.0 Watt
CR1 — 1N4997 or equivalent
L1 — 3 Turns, #16 Wire, 0.4
″ I.D., 0.3″ Long
L2 — 0.8
µH, Ohmite Z–235 or equivalent
L3 — 12 Turns, #16 Enameled Wire Closewound 0.25
″ I.D.
L4 — 4 Turns, 1/8
″ Copper Tubing, 0.6″ I.D., 1.0″ Long
L5, L6 — 2.0
µH, Fair–Rite 2643021801 Ferrite bead each or equivalent
BIAS
+
RF
INPUT
RF
OUTPUT
50 Vdc
+
-
R1
C3
C4
+
-
CR1
C1
C2
L1
R2
L2
D.U.T.
L3
C5
L4
C8
C9
C10
+
-
L5
L6
C6
C7
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com