Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA0163Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGA0163Z
Description  DC to 4500MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA0163Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGA0163Z Datasheet HTML 1Page - RF Micro Devices SGA0163Z Datasheet HTML 2Page - RF Micro Devices SGA0163Z Datasheet HTML 3Page - RF Micro Devices SGA0163Z Datasheet HTML 4Page - RF Micro Devices SGA0163Z Datasheet HTML 5Page - RF Micro Devices SGA0163Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SGA0163Z
DC to 4500MHz, SILICON GERMANIUM
CASCADABLE GAIN BLOCK
The SGA0163Z is a high performance SiGe HBT MMIC Amplifier. A Darling-
ton configuration featuring one-micron emitters provides high FT and
excellent thermal perfomance. The heterojunction increases breakdown
voltage and minimizes leakage current between junctions. Cancellation of
emitter junction non-linearities results in higher suppression of intermodu-
lation products. Only two DC-blocking capacitors, a bias resistor and an
optional RF choke are required for operation.
0
5
10
15
01
23
45
6
Small Signal Gain vs. Frequency
Frequency GHz
DCto4500MHz Operation
Single Voltage Supply
Low Current Draw: 8mA at
2.1V typ.
High Output Intercept:
10dBm Typ. at 1900MHz
Applications
PA Driver Amplifier
Cellular, PCS, GSM, UMTS
IF Amplifier
Wireless Data, Satellite
DS111011
Package: SOT-363
SGA0163ZDC
to 4500MHz,
Silicon Germa-
nium Cascad-
able Gain
Block
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Output Power at 1dB Compression
-1.8
dBm
850MHz
-1.8
dBm
1950MHz
-2.4
dBm
2400MHz
Third Order Intercept Point
9.4
dBm
850MHz
9.8
dBm
1950MHz
9.2
dBm
2400MHz
Small Signal Gain
12.7
dB
850MHz
12.0
dB
1950MHz
11.6
dB
2400MHz
3dB Bandwidth
4500
MHz
Input VSWR
1.6:1
DC to 4500MHz
Output VSWR
1.3:1
DC to 4500MHz
Reverse Isolation
17.6
dB
850MHz
18.1
dB
1950MHz
18.3
dB
2400MHz
Noise Figure[1]
4.6
dB
1950MHz
Device Operating Voltage
2.1
V
Device Operating Current
6
8
10
mA
Thermal Resistance
255
°C/W
junction - lead
Test Conditions: VS=5V, ID=8mA Typ., TL=25°C. OIP3 Tone Spacing=1MHz, POUT per tone=-17dBm, RBIAS=360, ZS=ZL=50


Similar Part No. - SGA0163Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA0363Z RFMD-SGA0363Z Datasheet
322Kb / 6P
DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0363Z-EVB1 RFMD-SGA0363Z-EVB1 Datasheet
322Kb / 6P
DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0363ZSQ RFMD-SGA0363ZSQ Datasheet
322Kb / 6P
DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0363ZSR RFMD-SGA0363ZSR Datasheet
322Kb / 6P
DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
More results

Similar Description - SGA0163Z

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-0163 STANFORD-SGA-0163 Datasheet
258Kb / 5P
DC-4500MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
308Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
logo
RF Micro Devices
SGA0363Z RFMD-SGA0363Z Datasheet
322Kb / 6P
DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA1263Z RFMD-SGA1263Z Datasheet
563Kb / 6P
DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA5263Z RFMD-SGA5263Z Datasheet
330Kb / 6P
DC to 4500MHz, Silicon Germanium Cascadable Gain Block
SGA7489Z RFMD-SGA7489Z Datasheet
486Kb / 6P
DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGC4486Z RFMD-SGC4486Z Datasheet
282Kb / 6P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com