Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA2263Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGA2263Z
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA2263Z Datasheet(HTML) 2 Page - RF Micro Devices

  SGA2263Z Datasheet HTML 1Page - RF Micro Devices SGA2263Z Datasheet HTML 2Page - RF Micro Devices SGA2263Z Datasheet HTML 3Page - RF Micro Devices SGA2263Z Datasheet HTML 4Page - RF Micro Devices SGA2263Z Datasheet HTML 5Page - RF Micro Devices SGA2263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
DS140509
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA2263Z
Typical Performance at Key Operating Frequencies
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (ID)40
mA
Max Device Voltage (VD)4
V
Max RF Input Power
+18
dBm
Max Junction Temp (TJ)+150
°C
Operating Temp Range (TL)
-55 to +110
°C
Max Storage Temp
+150
°C
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Parameter
Unit
100MHz
500MHz
850MHz 1950MHz 2400MHz 3500MHz
Small Signal Gain
dB
14.9
14.7
13.5
13.2
Output Third Order Intercept Point
dBm
20.4
20.2
18.0
16.9
Output Power at 1dB Compression
dBm
7.6
7.5
6.1
5.4
Input Return Loss
dB
21.3
21.5
19.6
17.6
17.2
15.0
Output Return Loss
dB
24.1
23.0
27.8
25.3
23.4
26.7
Reverse Isolation
dB
17.8
18.5
18.7
19.1
19.2
19.2
Noise Figure
dB
3.3
3.2
3.5
4.0
Test Conditions: VS=5V, ID=20mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=-10dBm, RBIAS=140, TL=25°C, ZS=ZL=50
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
OIP
3 vs. Frequency
V
D= 2.2 V, ID= 20 mA
P
1dB vs. Frequency
V
D= 2.2 V, ID= 20 mA
T
L=+25ºC
T
L=+25ºC
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
Noise Figure vs. Frequency
V
D= 2.2 V, ID= 20 mA
T
L=+25ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com