Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF455 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF455
Description  RF POWER TRANSISTOR NPN SILICON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF455 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF455 Datasheet HTML 1Page - Tyco Electronics MRF455 Datasheet HTML 2Page - Tyco Electronics MRF455 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
FUNCTIONAL TESTS (Figure 1)
Common–Emitter Amplifier Power Gain
(VCC = 12.5 Vdc, Pout = 60 W, f = 30 MHz)
Gpe
13
—
—
dB
Collector Efficiency
(VCC = 12.5 Vdc, Pout = 60 W, f = 30 MHz)
η
55
—
—
%
Series Equivalent Input Impedance
(VCC = 12.5 Vdc, Pout = 60 W, f = 30 MHz)
Zin
—
1.66–j.844
—
Ohms
Series Equivalent Output Impedance
(VCC = 12.5 Vdc, Pout = 60 W, f = 30 MHz)
Zout
—
1.73–j.188
—
Ohms
Parallel Equivalent Input Impedance
(VCC = 12.5 Vdc, Pout = 60 W, f = 30 MHz)
Zin
—
2.09/1030
—
Ω/pF
Parallel Equivalent Output Impedance
(VCC = 12.5 Vdc, Pout = 60 W, f = 30 MHz)
Zout
—
1.75/330
—
Ω/pF
Figure 1. 30 MHz Test Circuit Schematic
f = 30 MHz
80
Pin, INPUT POWER (WATTS)
0
70
60
50
40
0
1
234
5
30
20
10
VCC, SUPPLY VOLTAGE (VOLTS)
0.5
1.5
2.5
3.5
4.5
VCC = 13.6 V
80
70
60
50
40
30
20
10
f = 30 MHz
12.5 V
Pin = 3.5 V
1 W
1.75 W
8
10
121416
18
911
13
15
17
L3
R1
C5
C6
C7
C8
RF OUTPUT
L4
C4
C1
C2
L2
DUT
C3
L1
-
+
12.5 Vdc
L5
RF INPUT
C1, C2, C4 — ARCO 469
C3 — ARCO 466
C5 — 1000 pF, UNELCO
C6, C7 — 0.1
µF Disc Ceramic
C8 — 1000
µF/15 V Electrolytic
R1 — 10 Ohm/1.0 Watt, Carbon
L1 — 3 Turns, #18 AWG, 5/16
″ I.D., 5/16″ Long
L2 — VK200–20/4B, FERROXCUBE
L3 — 12 Turns, #18 AWG Enameled Wire, 1/4
″ I.D., Close Wound
L4 — 3 Turns 1/8
″ O.D. Copper Tubing, 3/8″ I.D., 3/4″ Long
L5 — 7 FERRITE Beads, FERROXCUBE #56–590–65/3B
90
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Supply Voltage
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com