Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF587 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF587
Description  HIGH-FREQUENCY TRANSISTOR NPN SILICON
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF587 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF587 Datasheet HTML 1Page - Tyco Electronics MRF587 Datasheet HTML 2Page - Tyco Electronics MRF587 Datasheet HTML 3Page - Tyco Electronics MRF587 Datasheet HTML 4Page - Tyco Electronics MRF587 Datasheet HTML 5Page - Tyco Electronics MRF587 Datasheet HTML 6Page - Tyco Electronics MRF587 Datasheet HTML 7Page - Tyco Electronics MRF587 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product (2)
(IC = 90 mAdc, VCE = 15 Vdc, f = 0.5 GHz)
fT
—
5.5
—
GHz
Collector–Base Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
—
1.7
2.2
pF
FUNCTIONAL TESTS
Narrowband — Figure 15
(IC = 90 mA, VCC = 15 V, f = 0.5 GHz)
Noise Figure
Power Gain at Optimum Noise Figure
NF
GNF
—
11
3.0
13
4.0
—
dB
Broadband — Figure 16
(IC = 90 mA, VCC = 15 V, f = 0.3 GHz)
Noise Figure
Power Gain at Optimum Noise Figure
NF
GNF
—
—
6.3
11
—
—
dB
Triple Beat Distortion
(IC = 50 mA, VCC = 15 V, PRef = 50 dBmV)
(IC = 90 mA, VCC = 15 V, PRef = 50 dBmV)
TB3
—
–70
—
dB
DIN 45004
(IC = 90 mA, VCC = 15 V)
(IC = 90 mA, VCC = 15 V)
DIN
—
125
—
dB
µV
Maximum Available Power Gain (3)
(IC = 90 mA, VCE = 15 Vdc, f = 0.5 GHz)
GUmax
—
16.5
—
dB
NOTES:
2. Characterized on HP8542 Automatic Network Analyzer
3. GUmax =
Figure 1. Typical Noise Figure and
Associated Gain versus Frequency
Figure 2. Noise Figure versus Collector Current
10
0.2
0.1
f, FREQUENCY (GHz)
0.3
0.5
0.7
10
3
0
GNF
VCE = 15 V
IC = 90 mA
9
8
7
6
5
4
3
2
1
0
0.9
6
9
12
15
18
21
24
27
30
50
0
IC, COLLECTOR CURRENT (mA)
6
5
4
3
2
1
100
150
200
VCE = 15 V
f = 300 MHz
N.F.
|S21|2
(1
–|S11|2)(1–|S22|2)
2
REV 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com