Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA4586Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGA4586Z
Description  DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA4586Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGA4586Z Datasheet HTML 1Page - RF Micro Devices SGA4586Z Datasheet HTML 2Page - RF Micro Devices SGA4586Z Datasheet HTML 3Page - RF Micro Devices SGA4586Z Datasheet HTML 4Page - RF Micro Devices SGA4586Z Datasheet HTML 5Page - RF Micro Devices SGA4586Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SGA4586Z
DC to 4000MHz, CASCADABLE SiGe HBT
MMIC AMPLIFIER
The SGA4586Z is a high performance SiGe HBT MMIC Amplifier. A Darlington con-
figuration featuring one-micron emitters provides high FT and excellent thermal per-
formance. The heterojunction increases breakdown voltage and minimizes leakage
current between junctions. Cancellation of emitter junction non-linearities results in
higher suppression of intermodulation products. Only two DC-blocking capacitors, a
bias resistor, and an optional RF choke are required for operation.
Gain & Return Loss vs. Freq. @TL=+25°C
0.0
8.0
16.0
24.0
32.0
0.0
1.0
2.0
3.0
4.0
5.0
Frequency (GHz)
-40.0
-30.0
-20.0
-10.0
0.0
GAIN
IRL
ORL
High Gain: 17.9dB at
1950MHz
Cascadable 50
Ω
Operates from Single Supply
Low Thermal Resistance
Package
Applications
PA Driver Amplifier
Cellular, PCS, GSM, UMTS
IF Amplifier
Wireless Data, Satellite
DS100916
Package: SOT-86
SGA4586ZDC
to 4000MHz,
Cascadable
SiGe HBT
MMIC Ampli-
fier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
22.0
24.0
26.5
dB
850MHz
17.9
dB
1950MHz
16.3
dB
2400MHz
Output Power at 1dB Compression
16.5
dBm
850MHz
13.7
dBm
1950MHz
Output Third Intercept Point
28.6
dBm
850MHz
27.7
dBm
1950MHz
Bandwidth Determined by Return
Loss (>10dB)
4000
MHz
>10dB
Input Return Loss
19.4
dB
1950MHz
Output Return Loss
21.5
dB
1950MHz
Noise Figure
1.9
dB
1950MHz
Device Operating Voltage
3.6
V
Device Operating Current
41
45
49
mA
Thermal Resistance
(Junction - Lead)
97
°C/W
Test Conditions: VS=8V, ID=45mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=-5dBm, RBIAS=100Ω, TL=25°C, ZS=ZL=50Ω


Similar Part No. - SGA4586Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA4563Z RFMD-SGA4563Z Datasheet
730Kb / 6P
DC to 2500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4563ZPCK1 RFMD-SGA4563ZPCK1 Datasheet
730Kb / 6P
DC to 2500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4563ZSQ RFMD-SGA4563ZSQ Datasheet
730Kb / 6P
DC to 2500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4563ZSR RFMD-SGA4563ZSR Datasheet
730Kb / 6P
DC to 2500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA4586Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3263Z RFMD-SGA3263Z Datasheet
427Kb / 7P
DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3363Z RFMD-SGA3363Z Datasheet
357Kb / 6P
DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4363Z RFMD-SGA4363Z Datasheet
362Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5489Z RFMD-SGA5489Z Datasheet
465Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5586Z RFMD-SGA5586Z Datasheet
284Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5589Z RFMD-SGA5589Z Datasheet
460Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6389Z RFMD-SGA6389Z Datasheet
467Kb / 6P
DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6586Z RFMD-SGA6586Z Datasheet
284Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com