Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6716MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6716MPBF
Description  Dual Sided Cooling Compatible
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6716MPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6716MPBF Datasheet HTML 1Page - International Rectifier IRF6716MPBF Datasheet HTML 2Page - International Rectifier IRF6716MPBF Datasheet HTML 3Page - International Rectifier IRF6716MPBF Datasheet HTML 4Page - International Rectifier IRF6716MPBF Datasheet HTML 5Page - International Rectifier IRF6716MPBF Datasheet HTML 6Page - International Rectifier IRF6716MPBF Datasheet HTML 7Page - International Rectifier IRF6716MPBF Datasheet HTML 8Page - International Rectifier IRF6716MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
04/30/09
IRF6716MPbF
IRF6716MTRPbF
Fig 1. Typical On-Resistance vs. Gate Voltage
Typical values (unless otherwise specified)
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.65mH, RG = 25Ω, IAS = 32A.
Notes:
DirectFET
™ ISOMETRIC
Description
The IRF6716MPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
the lowest on-state resistance in a package that has the footprint of a SO-8 and only 0.6 mm profile. The DirectFET package is compatible
with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering
techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows
dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6716MPbF balances both low resistance and low charge along with ultra low package inductance to reduce both conduction and
switching losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the latest generation of
processors operating at higher frequencies. The IRF6716MPbF has been optimized for parameters that are critical in synchronous buck
including Rds(on), gate charge and Cdv/dt-induced turn on immunity. The IRF6716MPbF offers particularly low Rds(on) and high Cdv/dt
immunity for synchronous FET applications.
MX
0
102030405060
QG Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDS= 20V
VDS= 13V
ID= 32A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
32
Max.
31
180
320
±20
25
39
330
VDSS
VGS
RDS(on)
RDS(on)
25V max ±20V max 1.2m
Ω@10V 2.0mΩ@ 4.5V
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
39nC
12nC
5.3nC
28nC
27nC
1.9V
2
3
4
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
0
1
2
3
4
5
6
ID = 40A
TJ = 25°C
TJ = 125°C
SQ
SX
ST
MQ
MX
MT
MP
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

DirectFET
™ Power MOSFET ‚
l RoHs Compliant and Halogen Free

l Low Profile (<0.6 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for Sync. FET socket of Sync. Buck Converter

l Low Conduction and Switching Losses
l Compatible with existing Surface Mount Techniques

l 100% Rg tested
PD - 97274C


Similar Part No. - IRF6716MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MPBF IRF-IRF6716MPBF Datasheet
637Kb / 9P
DirectFET Power MOSFET
IRF6716MPBF IRF-IRF6716MPBF Datasheet
280Kb / 9P
RoHs Compliant and Halogen Free
IRF6716MPBF IRF-IRF6716MPBF_09 Datasheet
280Kb / 9P
DirectFETPower MOSFET
More results

Similar Description - IRF6716MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6714MPBF IRF-IRF6714MPBF_15 Datasheet
261Kb / 9P
Dual Sided Cooling Compatible
IRF6715MPBF IRF-IRF6715MPBF_15 Datasheet
282Kb / 9P
Dual Sided Cooling Compatible
IRF8302MPBF IRF-IRF8302MPBF_15 Datasheet
274Kb / 9P
Dual Sided Cooling Compatible
IRF8308MPBF IRF-IRF8308MPBF_15 Datasheet
271Kb / 10P
Dual Sided Cooling Compatible
logo
Infineon Technologies A...
V50-14.45M INFINEON-V50-14.45M Datasheet
218Kb / 2P
Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V50-14.45N INFINEON-V50-14.45N Datasheet
266Kb / 2P
Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V61-14.80M INFINEON-V61-14.80M Datasheet
146Kb / 2P
Easy mounting for single sided cooling
2012-06-05 Revision: 3.0
V61-14.80N INFINEON-V61-14.80N Datasheet
132Kb / 2P
Easy mounting for single sided cooling
2014-05-05 Revision: 3.0
V72-14.150M INFINEON-V72-14.150M Datasheet
128Kb / 2P
Easy mounting for single sided cooling
2012-05-05 Revision: 3.0
V72-26.80M INFINEON-V72-26.80M Datasheet
195Kb / 2P
Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com