Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7204PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7204PBF
Description  ADVANCED PROCESS TECHNOLOGY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7204PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7204PBF Datasheet HTML 1Page - International Rectifier IRF7204PBF Datasheet HTML 2Page - International Rectifier IRF7204PBF Datasheet HTML 3Page - International Rectifier IRF7204PBF Datasheet HTML 4Page - International Rectifier IRF7204PBF Datasheet HTML 5Page - International Rectifier IRF7204PBF Datasheet HTML 6Page - International Rectifier IRF7204PBF Datasheet HTML 7Page - International Rectifier IRF7204PBF Datasheet HTML 8Page - International Rectifier IRF7204PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 95165
l
Adavanced Process Technology
l
Ultra Low On-Resistance
l
P-Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
Dynamic dv/dt Rating
l
Fast Switching
l
Lead-Free
Description
Fourth Generation HEXFETs from International
Rectifier utilize advanced processing techniques to
achieve the lowest possible on-resistance per silicon
area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET
Power MOSFETs are well known for, provides the
designer with an extremely efficient device for use in
a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
dual-die capability making it ideal in a variety of power
applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
IRF7204PbF
SO-8
VDSS = -20V
RDS(on) = 0.060Ω
ID = -5.3A
10/6/04
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
Parameter
Min.
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
50
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
-5.3
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
-4.2
IDM
Pulsed Drain Current 
-21
PD @TC = 25°C
Power Dissipation
2.5
Linear Derating Factor
0.020
W/°C
VGS
Gate-to-Source Voltage
± 12V
dv/dt
Peak Diode Recovery dv/dt ‚
-1.7
V/nS
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
Absolute Maximum Ratings
A
Thermal Resistance Ratings
W
°C


Similar Part No. - IRF7204PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7204PBF IRF-IRF7204PBF Datasheet
243Kb / 9P
HEXFET짰 Power MOSFET
More results

Similar Description - IRF7204PBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com